| Electronic Components Datasheet Search |
|
SC28L202 Datasheet(PDF) 56 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC28L202 Datasheet(HTML) 56 Page - NXP Semiconductors |
|
56 / 77 page ![]() Philips Semiconductors Objective specification SC28L202 Dual UART 2000 Feb 10 50 SOPR – Set Bits in the OPR Ones in the byte written to this register will cause the corresponding bit positions in the OPR to set to 1. Zeros have no effect. This allows software to set individual bits without keeping a copy of the OPR bit configuration. Set OPR Bits Bit 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 I/O7 B I/O6 B I/O5 B I/O4 B I/O3 B I/O2 B I/O1 B I/O0 B 1=set bit 0=no change 1=set bit 0=no change 1=set bit 0=no change 1=set bit 0=no change 1=set bit 0=no change 1=set bit 0=no change 1=set bit 0=no change 1=set bit 0=no change ROPR – Reset Bits in the OPR Ones in the byte written to the ROPR will cause the corresponding bit positions in the OPR to set to 0. Zeros have no effect. This allows software to reset individual bits with our keeping a copy of the OPR bit configuration. Reset OPR Bits Bit 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 I/O7 B I/O6 B I/O5 B I/O4 B I/O3 B I/O2 B I/O1 B I/O0 B 1=reset bit 0=no change 1=reset bit 0=no change 1=reset bit 0=no change 1=reset bit 0=no change 1=reset bit 0=no change 1=reset bit 0=no change 1=reset bit 0=no change 1=reset bit 0=no change OPR Output Port Register The bits in the OPR register are controlled by the use of the SOPR and ROPR commands. The output pins (OP pins) drive the compliment of the data stored in this register. OPR Bit 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 I/O7 B I/O6 B I/O5 B I/O4 B I/O3 B I/O2 B I/O1 B I/O0 B 0=Pin High 1=Pin Low 0=Pin High 1=Pin Low 0=Pin High 1=Pin Low 0=Pin High 1=Pin Low 0=Pin High 1=Pin Low 0=Pin High 1=Pin Low 0=Pin High 1=Pin Low 0=Pin High 1=Pin Low |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |