Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 24Page - NXP Semiconductors SC28L202 Datasheet HTML 25Page - NXP Semiconductors SC28L202 Datasheet HTML 26Page - NXP Semiconductors SC28L202 Datasheet HTML 27Page - NXP Semiconductors SC28L202 Datasheet HTML 28Page - NXP Semiconductors SC28L202 Datasheet HTML 29Page - NXP Semiconductors SC28L202 Datasheet HTML 30Page - NXP Semiconductors SC28L202 Datasheet HTML 31Page - NXP Semiconductors SC28L202 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
22
UART Registers
These registers are generally concerned with formatting,
transmitting and receiving data.
The user must exercise caution when changing the mode of running
receivers, transmitters, PBRG or counter/timers. The selected mode
will be activated immediately upon selection, even if this occurs
during the reception or transmission of a character. It is also
possible to disrupt internal controllers by changing modes at critical
times, thus rendering later transmission or reception faulty or
impossible.
An exception to this policy is switching from auto–echo or remote
loop back modes to normal mode. If the deselecting occurs just after
the receiver has sampled the stop bit (in most cases indicated by
the assertion of the channel’s RxRDY bit) and the transmitter is
enabled, the transmitter will remain in auto–echo mode until the end
of the transmission of the stop bit.
MR0 – Mode Register 0, A and B
MR0 can be accessed directly at H’20” and H’28” in the Extended section of the address map, or by means of the “MR Pointers” at the 0x00
and 0x08 address pointers used by legacy code.
(TEST 1)
(TEST 3)
Bit 7
BIT 6
BIT (5:4)
BIT 3
BIT 2
BIT 1
BIT 0
MR0 A, MR0
B, and
MR0 B[3:0]
are reserved
Rx Watchdog
*
0 = Disable
1 = Enable
RxINT BIT 2
See Tables in
MR0
description
TxINT (1:0)
See Table 13
FIFO Size
0 = 8 bytes
1 = 256
bytes
BAUD RATE
EXTENDED II
0 = NormaL
1 = Extend II
Reserved
Set to 0
BAUD RATE
EXTENDED 1
0 = Normal
1 = Extend
*This bit control is duplicated at MR0[7].
MR0[7] Fixed length Watchdog Timer
This bit controls the receiver watchdog timer. 0 = disable, 1 =
enable. When enabled, the watch dog timer will generate a receiver
interrupt if the receiver FIFO has not been accessed within 64 bit
times of the receiver 1X clock. This is used to alert the control
processor that data is in the RxFIFO that has not been read. This
situation may occur when the byte count of the last part of a
message is not large enough to generate an interrupt.
MR0[6] – Bit 2 of receiver FIFO interrupt level. This bit along with Bit
6 of MR1 sets the fill level of the 8 byte FIFO that generates the
receiver interrupt.
MR0[6] and MR1[6] Note that this control is split between MR0 and
MR1. This is for backward compatibility to the SC2692 and
SCN2681.
Table 3. Receiver FIFO Interrupt Fill Level
MR0(3)=0
MR0[6] MR1[6]
Interrupt Condition
00
1 or more bytes in FIFO (RxRDY)
01
3 or more bytes in FIFO
10
6 or more bytes in FIFO
11
8 bytes in FIFO (Rx FULL)
Table 4. Receiver FIFO Interrupt Fill Level
MR0(3)=1
MR0[6] MR1[6]
Interrupt Condition
00
1 or more bytes in FIFO (RxRDY)
01
128 or more bytes in FIFO
10
192 or more bytes in FIFO
11
256 bytes in FIFO (Rx FULL)
For the receiver these bits control the number of FIFO positions
filled when the receiver will attempt to interrupt. After the reset the
receiver FIFO is empty. The default setting of these bits cause the
receiver to attempt to interrupt when it has one or more bytes in it.
MR0[5:4] – Tx interrupt fill level.
Table 5. Transmitter FIFO Interrupt Fill Level
MR0(3)=0
MR0[5:4]
Interrupt Condition
00
8 bytes empty (Tx EMPTY)
01
4 or more bytes empty
10
6 or more bytes empty
11
1 or more bytes empty (TxRDY)
Table 6. Transmitter FIFO Interrupt Fill Level
MR0(3)=0
MR0[5:4]
Interrupt Condition
00
256 bytes empty (Tx EMPTY)
01
128 or more bytes empty
10
192 or more bytes empty
11
1 or more bytes empty (TxRDY)
For the transmitter these bits control the number of FIFO positions
empty when the receiver will attempt to interrupt. After the reset the
transmit FIFO has 8 bytes empty. It will then attempt to interrupt as
soon as the transmitter is enabled. The default setting of the MR0
bits (00) condition the transmitter to attempt to interrupt only when it
is completely empty. As soon as one byte is loaded, it is no longer
empty and hence will withdraw its interrupt request.
MR0[3] – FIFO Size
Selects between 8 or 256 byte FIFO structure
MR0[2:0] – Legacy Baud Rate Group Selection
These bits are used to select one of the six–baud rate groups.
See Table 13 for the group organization.
• 000 Normal mode
• 001 Extended mode I
• 100 Extended mode II
Other combinations of MR2[2:0] should not be used
NOTE: MR0[3:0] are not used in channel B and should be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com