Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 66Page - NXP Semiconductors SC28L202 Datasheet HTML 67Page - NXP Semiconductors SC28L202 Datasheet HTML 68Page - NXP Semiconductors SC28L202 Datasheet HTML 69Page - NXP Semiconductors SC28L202 Datasheet HTML 70Page - NXP Semiconductors SC28L202 Datasheet HTML 71Page - NXP Semiconductors SC28L202 Datasheet HTML 72Page - NXP Semiconductors SC28L202 Datasheet HTML 73Page - NXP Semiconductors SC28L202 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
64
NOTES:
1.
INTRN or OP3-OP7 when used as interrupt outputs.
2.
The test for open-drain outputs is intended to guarantee switching of the output transistor. Measurement of this response is referenced from the midpoint of the switching
signal, VM, to a point 0.5V above VOL. This point represents noise margin that assures true switching has occurred. Beyond this level, the effects of external circuitry and
test environment are pronounced and can greatly affect the resultant measurement.
VM
VOL +0.5V
VOL
WRN
INTERRUPT1
OUTPUT
tIR
VM
VOL +0.5V
VOL
RDN
INTERRUPT1
OUTPUT
tIR
SD00136
Figure 8. Interrupt Timing (80xxx mode)
C1 = C2
∼ 24pF FOR CL = 20pF
tCLK
tCTC
tRx
tTx
X1/CLK
CTCLK
RxC
TxC
tCLK
tCTC
tRx
tTx
VCC
470
Ω
X1
X2*
CLK
*NOTE: X2 MUST BE LEFT OPEN.
X2
14.7456MHz
X1
C1
C2
SC28L92
NOTE:
RESISTOR REQUIRED
FOR TTL INPUT.
TO UART
CIRCUIT
50k
Ω
to
100k
Ω
3pF
3pF
C1 and C2 should be chosen according to the crystal manufacturer’s specification.
C1 and C2 values will include any parasitic capacitance of the wiring and X1 X2 pins.
2pF
4pF
Package capacitance approximately 4pF.
SD00689
PARASITIC CAPACITANCE
PARASITIC CAPACITANCE
Figure 9. Clock Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com