| Electronic Components Datasheet Search |
|
SC28L202 Datasheet(PDF) 61 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC28L202 Datasheet(HTML) 61 Page - NXP Semiconductors |
|
61 / 77 page ![]() Philips Semiconductors Objective specification SC28L202 Dual UART 2000 Feb 10 55 ABSOLUTE MAXIMUM RATINGS1 SYMBOL PARAMETER RATING UNIT Tamb Operating ambient temperature range2 Note4 _C Tstg Storage temperature range –65 to +150 _C VCC Voltage from VCC to GND3 –0.5 to +7.0 –0.5 to +7.0 V VSS Voltage from any pin to GND3 –0.5 to VCC +0.5 V P Power dissipation (PLCC44) 2.4 W P Power dissipation (PQFP44) 1.78 W Derating factor above 25 _C (PLCC44) 19 mw/ _C Derating factor above 25 _C (PQFP44) 15 Mw/ _C NOTES: 1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other condition above those indicated in the operation section of this specification is not implied. 2. For operating at elevated temperatures, the device must be derated based on + 150 _C maximum junction temperature. 3. This product includes circuitry specifically designed for the protection of its internal devices from damaging effects of excessive static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying any voltages larger than the rated maxima. 4. Parameters are valid over specified temperature range. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |