Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 10Page - NXP Semiconductors SC28L202 Datasheet HTML 11Page - NXP Semiconductors SC28L202 Datasheet HTML 12Page - NXP Semiconductors SC28L202 Datasheet HTML 13Page - NXP Semiconductors SC28L202 Datasheet HTML 14Page - NXP Semiconductors SC28L202 Datasheet HTML 15Page - NXP Semiconductors SC28L202 Datasheet HTML 16Page - NXP Semiconductors SC28L202 Datasheet HTML 17Page - NXP Semiconductors SC28L202 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
8
up to three characters. The recognition is done on a byte boundary
and sets status and interrupt when recognition events occur. Three
modes of automatic operation are provided for the in–band flow
control and three modes of automatic operation are provided for
address recognition. Both in–band flow control and address
recognition may also be completely under the control of the host
processor.
A subset of the recognition system is Xon/Xoff character recognition
and the recognition of the multi–drop address character. If Xon/Xoff
or multi–dorp function is enabled the recognition system passes the
information about the recognition event to the appropriate receiver
or transmitter state machine for execution. In any case the
information about a recognition event is available to the interrupt
system and to the control processor.
Flow Control
Flow control is implemented in either the traditional RTS/CTS
protocol or in the “inbound” Xon/Xoff method. Both may be
controlled by fully/partially automatic methods or by interrupt
generation.
Test Modes and Software
Four test modes are provided to verify UART function and processor
interface integrity. The first three are Auto echo, Local Loop Back,
and Remote Loop Back. Through local loop back the software
developer may verify all of the interrupt, flow control; the hardware
designer verify all of the timing and pin connections. This information
is obtained without any recourse to external test equipment, logic
analyzers or terminals.
The fourth, Receiver Error Loop back verification, employs a method
of automatic checking (accounting for transmission delays) of the
transmitted data to as echoed back through the remote receiver.
Errors generate interrupt and status events.
DETAILED DESCRIPTIONS
NOTE: For the convenience of the reader some paragraphs
of the following sections are repeated in descriptions of
closely linked functions described in other sections.
Bus Interface
The bus interface operates in two modes selected by the I/M pin. If
this pin is high or left open the signals DACKN signal is not
generated or used and data flow to and from the chip is controlled
by the state the CEN, RDN, WRN pin combination. If the I/M pin is
tied low the data is written to the device when the DACKN pin is
asserted low by the DUART. Read data is presented by a delay from
CEN active.
The Host interface is comprised of the signal pins CEN, WRN RDN,
(or R/WN) IACKN, DACKN, IRQN, 6 address pins and 8 three–state
data bus pins. Addressing of the various functions of the DUART is
through the address bus A(6:0). Data is presented on the 8–bit data
bus.
DACKN Cycle
When operating in the “68K” mode bus cycle completion is indicated
by the DACKN pin (an open drain signal) going low. The timing of
DACKN is by GCCR(6) where two time delays area available. The
delay begins with the falling edge of CEN and DACKN is presented
after either two edges of he X1/Sclk (1/2 X1/Sclk Cycle) or, under
program control, a short internal delay of less than 50 ns. Usually in
this mode the address and data are set up with respect to the
leading edges of the bus cycle.
The DACKN pin is a three state driver. At the termination of an
access to the L202 a very short pulse (less than 5 ns) drives the pin
high and immediately returns to the high impedance state. This will
occur at the termination of the CEN or IACKN cycle.
NOTE: The faster X86 timing may be used in the 68K mode IF the
bus cycles are faster than 1/2 period of the Sclk clock. Withdrawing
CEN before DACKN prevents the generation of DACKN. In this case
bus timing is effectively that of the X86 mode.
When operating in the “x86” mode DACKN is not generated. Data is
written on the termination of CEN or WRN whichever one occurs
first. Read data is presented from the leading edge of the read
condition (CEN and RDN both low).
IACKN Cycle, Update CIR
When the host CPU responds to the interrupt, it will usually assert
the IACKN signal low. This will cause the intelligent interrupt system
of the DUART to generate an IACKN cycle in which the condition of
the interrupting source is determined. When IACKN asserts, the last
valid of the interrupt arbitration cycle is captured in the CIR. The
value captured presents all of the important details of the highest
priority interrupt at the moment the IACKN (or the ”Update CIR”
command) was asserted. Due to system interrupt latency the
interrupt condition captured by the CIR may not be the condition that
caused the initial assertion of the interrupt.
The Dual UART will respond to the IACKN cycle with an interrupt
vector. The interrupt vector may be a fixed value, the content of the
Interrupt Vector Register, or when ”Interrupt Vector Modification” is
enabled via ICR, it may contain codes for the interrupt type and/or
interrupting channel. This allows the interrupt vector to steer the
interrupt service directly to the proper service routine. The interrupt
value captured in the CIR remains until another IACKN or “Update
CIR” command is given to the DUART. The interrupting channel and
interrupt type fields of the CIR set the current ”interrupt context” of
the DUART. The channel component of the interrupt context allows
the use of Global Interrupt Information registers that appear at fixed
positions in the register address map. For example, a read of the
Global RxFIFO will read the channel B RxFIFO if the CIR interrupt
context is channel B receiver. At another time read of the GRxFIFO
may read the channel A RxFIFO (CIR holds a channel A receiver
interrupt) and so on. Global registers exist to facilitate qualifying the
interrupt parameters and for writing to and reading from FIFOs
without explicitly addressing them.
The CIR will load with 0x00 if IACKN or Update CIR is asserted
when the arbitration circuit is NOT asserting an interrupt. In this
condition there is no arbitration value that exceeds the threshold
value. When Interrupt vector modification is active in this situation
the interrupt vector bits associated with the CIR will all be zero. A
zero type field indicates nothing with in the DUART is requiring
processor service.
NOTE: IACKN is essentially a special read action where the value of
the interrupt vector is presented to the data bus.
Timing Circuit
Crystal Oscillator
The crystal oscillator operates directly from a crystal, tuned between
7.0 MHz and 16.2 MHz connected across the X1/Sclk and X2 inputs
with a minimum of external components. BRG values listed for the
clock select registers correspond to a 14.7456 MHz crystal
frequency. Use of different frequencies will change the “standard”
baud rates by precisely the ratio of 14.7456 MHz to the different
crystal frequency.
An external clock up to 50 MHz frequency range may be connected
to X1/Sclk pin. If an external clock is used instead of a crystal,
X1/Sclk must be driven and X2 left floating or driving a load of not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com