Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 53Page - NXP Semiconductors SC28L202 Datasheet HTML 54Page - NXP Semiconductors SC28L202 Datasheet HTML 55Page - NXP Semiconductors SC28L202 Datasheet HTML 56Page - NXP Semiconductors SC28L202 Datasheet HTML 57Page - NXP Semiconductors SC28L202 Datasheet HTML 58Page - NXP Semiconductors SC28L202 Datasheet HTML 59Page - NXP Semiconductors SC28L202 Datasheet HTML 60Page - NXP Semiconductors SC28L202 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
51
REGISTER MAPS
The registers of the SC28L202 are LOOSELY partitioned into two
groups: those used in controlling data channels and those used in
handling the actual data flow and status. Below is shown the general
configuration of all the register addressed. The ”Register Map
Summary” shows the configuration of the lower four bits of the
address that is the same for THE INDIVIDUAL UARTs. It also shows
the addresses for the several in the address space of UART A and
UART B that apply to the total chip configuration. The ”Register Map
Detail” shows the use of every address in the 8–bit address space.
REGISTER MAP DETAIL (based on 28L92)
Register Map
NOTE: The register maps for channels A and B (UARTs A and B)
contain some control registers that configure the entire chip. These
are denoted by a ”” symbol
Addressing Scheme:
A
³ B+8
Default
³ Extension
+16
NOTE: Addresses 0x00 to 0x0F represent the “C92 Register” map
A(6:0)
READ
WRITE
DEFAULT
000 0000 (0x00)
Mode Register (MR0 A, MR1 A, MR2 A) DEFAULT
Mode Register (MR0 A, MR1 A, MR2 A) DEFAULT
000 0001 (0x01)
Status Register (SR A)
Clock Select Register (CSR A) DEFAULT
000 0010 (0x02)
Command Register (CR A) DEFAULT
000 0011 (0x03)
Receiver FIFO Register (RxFIFO A)
Transmitter FIFO Register (TxFIFO A)
000 0100 (0x04)
• Input Port Change Register (IPCR) DEFAULT
• Auxiliary Control Register (ACR) DEFAULT
000 0101 (0x05)
• Interrupt Status Register (ISR) DEFAULT
• Interrupt Mask Register (IMR) DEFAULT
000 0110 (0x06)
• Counter Timer Value Register Upper (CTVU 0)
• Counter Timer Preset Register Upper (CTPU 0)
000 0111 (0x07)
• Counter Timer Value Register Lower (CTVL 0)
• Counter Timer Preset Register Lower (CTPL 0)
000 1000 (0x08)
Mode Register (MR0 B, MR1 B, MR2 B) DEFAULT
Mode Register (MR0 B, MR1 B, MR2 B) DEFAULT
000 1001 (0x09)
Status Register (SR B)
Clock Select Register (CSR B) DEFAULT
000 1010 (0x0A)
Command Register (CR B) DEFAULT
000 1011 (0x0B)
Receiver FIFO Register (RxFIFO B)
Transmitter FIFO Register (TxFIFO B)
000 1100 (0x0C)
• Interrupt Vector Register (IVR) GLOBAL
• Interrupt Vector Register (IVR) GLOBAL
000 1101 (0x0D)
• Input Port Register (IPR) I/O(6:0) A
• Output Port Configuration Register (OPCR) I/O(7:2)B
000 1110 (0x0E)
• Start Counter Command DEFAULT C/T 0
• Set Output Port Register (SOPR) I/O(7:0)B
000 1111 (0x0F)
• Stop Counter Command DEFAULT C/T 0
• Reset Output Port Register (ROPR) I/O(7:0)B
EXTENSION
001 0000 (0x10)
Receiver FIFO Fill Level (RxFL A)
• Set Output Port Register (SOPR A)
001 0001 (0x11)
Transmitter FIFO Empty level (TxEL A)
• Reset Output Port Register (ROPR A)
001 0010 (0x12)
• Enhanced Operation Status (EOS)
Command Register Extension (CRx A)
001 0011 (0x13)
• Input Port Change Register Upper (IPCRU A)
• I/O Port Configuration Register 0 (I/OPCR 0)
001 0100 (0x14)
• Input Port Change Register Lower (IPCRL A)
• I/O Port Configuration Register 1 (I/OPCR 1)
001 0101 (0x15)
• Input Port Register (IPR A)
001 0110 (0x16)
• Counter Timer Value Register Upper (CTVU 0)
• Counter Timer Preset Register Upper (CTPU 0)
001 0111 (0x17)
• Counter Timer Value Register Lower (CTVL 0)
• Counter Timer Preset Register Lower (CTPL 0)
001 1000 (0x18)
Receiver FIFO Fill Level (RxFL B)
• Set Output Port Register (SOPR B)
001 1001 (0x19)
Transmitter FIFO Empty level (TxEL B)
• Reset Output Port Register (ROPR B)
001 1010 (0x1A)
Command Register Extension (CRx B)
001 1011 (0x1B)
• Input Port Change Register Upper (IPCRU B)
• I/O Port Configuration Register 2 (I/OPCR 2)
001 1100 (0x1C)
• Input Port Change Register Lower (IPCRL B)
• I/O Port Configuration Register 3 (I/OPCR 3)
001 1101 (0x1D)
• Input Port Register (IPR B)
001 1110 (0x1E)
• Counter Timer Value Register Upper (CTVU 1)
• Counter Timer Preset Register Upper (CTPU 1)
001 1111 (0x1F)
• Counter Timer Value Register Lower (CTVL 1)
• Counter Timer Preset Register Lower (CTPL 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com