Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 55Page - NXP Semiconductors SC28L202 Datasheet HTML 56Page - NXP Semiconductors SC28L202 Datasheet HTML 57Page - NXP Semiconductors SC28L202 Datasheet HTML 58Page - NXP Semiconductors SC28L202 Datasheet HTML 59Page - NXP Semiconductors SC28L202 Datasheet HTML 60Page - NXP Semiconductors SC28L202 Datasheet HTML 61Page - NXP Semiconductors SC28L202 Datasheet HTML 62Page - NXP Semiconductors SC28L202 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
53
REGISTER MAP (BASED ON 28L92)
NOTE: The register maps for channels A and B (UARTs A and B) contain some control registers that configure the entire chip. These are
denoted by a ”
•” symbol
A(6:0)
READ
WRITE
NEW
100 0000 (0x40)
System Enable Status (SES A)
Watchdog, Character and X Enable(WCXER A)
100 0001 (0x41)
Xon Character Register (XonCR A)
Xon Character Register (XonCR A)
100 0010 (0x42)
Xoff Character Register (XoffCR A)
Xoff Character Register (XoffCR A)
100 0011 (0x43)
Address Recognition Character (ARCR A)
Address Recognition Character (ARCR A)
100 0100 (0x44)
Xon/Xoff Interrupt Status Register (XISR A)
100 0101 (0x45)
Special Function Register (SFR A)
Special Function Register (SFR A)
100 0110 (0x46)
Receiver FIFO Interrupt Level (RxFIL A)
Receiver FIFO Interrupt Level (RxFIL A)
100 0111 (0x47)
Transmitter FIFO Interrupt Level (TxFIL A)
Transmitter FIFO Interrupt Level (TxFIL A)
100 1000 (0x48)
System Enable Status (SES B)
Watchdog, Character and X Enable (WCXER B)
100 1001 (0x49)
Xon Character Register (XonCR B)
Xon Character Register (XonCR B)
100 1010 (0x4A)
Xoff Character Register (XoffCR B)
Xoff Character Register (XoffCR B)
100 1011 (0x4B)
Address Recognition Character (ARCR B)
Address Recognition Character (ARCR B)
100 1100 (0x4C)
Xon/Xoff Interrupt Status Register (XISR B)
100 1101 (0x4D)
Special Function Register (SFR B)
Special Function Register (SFR B)
100 1110 (0x4E)
Receiver FIFO Interrupt Level (RxFIL B)
Receiver FIFO Interrupt Level (RxFIL B)
100 1111 (0x4F)
Transmitter FIFO Interrupt Level (TxFIL B)
Transmitter FIFO Interrupt Level (TxFIL B)
101 0000 (0x50)
Bidding Control Register – Break Change (BCRBRK A)
Bidding Control Register – Break Change (BCRBRK A)
101 0001 (0x51)
Bidding Control Register – Change of State (BCRCOS A)
Bidding Control Register – Change of State (BCRCOS A)
101 0010 (0x52)
Bidding Control Register – Counter/Timer (BCRCT A)
Bidding Control Register – Counter/Timer (BCRCT A)
101 0011 (0x53)
Bidding Control Register – Xon (BCRx A)
Bidding Control Register – Xon (BCRx A)
101 0100 (0x54)
Bidding Control Register – Address (BCRA A)
Bidding Control Register – Address (BCRA A)
101 0101 (0x55)
Bidding Control Register – Loop Back Error (BCRLBE A)
Bidding Control Register – Loop Back Error (BCRLBE A)
101 0110 (0x56)
101 0111 (0x57)
101 1000 (0x58)
Bidding Control Register – Break Change (BCRBRK B)
Bidding Control Register – Break Change (BCRBRK B)
101 1001 (0x59)
Bidding Control Register – Change of State (BCRCOS B)
Bidding Control Register – Change of State (BCRCOS B)
101 1010 (0x5A)
Bidding Control Register – Counter/Timer (BCRCT B)
Bidding Control Register – Counter/Timer (BCRCT B)
101 1011 (0x5B)
Bidding Control Register – Xon (BCRx B)
Bidding Control Register – Xon (BCRx B)
101 1100 (0x5C)
Bidding Control Register – Address (BCRA B)
Bidding Control Register – Address (BCRA B)
101 1101 (0x5D)
Bidding Control Register – Loop Back Error (BCRLBE B)
Bidding Control Register – Loop Back Error (BCRLBE B)
101 1110 (0x5E)
101 1111 (0x5F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com