Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 27Page - NXP Semiconductors SC28L202 Datasheet HTML 28Page - NXP Semiconductors SC28L202 Datasheet HTML 29Page - NXP Semiconductors SC28L202 Datasheet HTML 30Page - NXP Semiconductors SC28L202 Datasheet HTML 31Page - NXP Semiconductors SC28L202 Datasheet HTML 32Page - NXP Semiconductors SC28L202 Datasheet HTML 33Page - NXP Semiconductors SC28L202 Datasheet HTML 34Page - NXP Semiconductors SC28L202 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
25
MR3 – Mode Register 3, A and B
Bit 7
Bit 6
Bit 5:4
Bit 3:2
Bit 1:0
Xon/Xoff 1
transparency
Address Recognition 1
transparency
Reserved
In–band flow control
mode
Address
Recognition
control
0 = flow control characters
received are loaded onto
the RxFIFO
1 = flow control characters
received are not loaded
onto the RxFIFO
0 = Address characters
received are loaded to
RxFIFO
1 = Address characters
received are not loaded onto
the RxFIFO
00 = host mode, only the host
CPU may initiate flow control
actions through the CR
01 = Auto Transmitter flow
control
10 = Auto Receiver flow control
11 = Auto Rx and Tx flow control
00 = Default
01 = Auto wake
10 = Auto doze
11 = Auto wake
and auto doze
NOTE:
1. If these bits are not 0 the characters will be stripped regardless of bits (3:2) or (1:0)
MR3[7 & 6] Xon/Xoff Character Stripping
Control the handling of recognized Xon/Xoff or Address characters.
If set, the character codes are placed on the RxFIFO along with their
status bits just as ordinary characters are. If the character is not
loaded onto the RxFIFO, its received status will be lost unless the
receiver is operating in the block error mode, see MR1[5] and the
general discussion on receiver error handling. Interrupt processing
is not effected by the setting of these bits. See Character recognition
section.
MR3[5:4] Reserved
MR3[3:2] Xon/Xoff Processing
Control the Xon/Xoff processing logic. Auto Transmitter flow control
allows the gating of Transmitter activity by Xon/Xoff characters
received by the Channel’s receiver. Auto Receiver flow control
causes the Transmitter to emit an Xoff character when the RxFIFO
has loaded to a depth of 240 characters. Draining the RxFIFO to a
level of 128 or less causes the Transmitter to emit a Xon character.
All transmissions require no host involvement. A setting other than
b’00 in this field precludes the use of the command register to
transmit Xon/Xoff characters.
NOTE: Interrupt generation in Xon/Xoff processing is controlled by
the IMR (Interrupt Mask Register) of the individual channels. The
interrupt may be cleared by a read of the XISR, the Xon/Xoff
Interrupt Status Register. Receipt of a flow control character will
always generate an interrupt if the IMR is so programmed. The
MR0[3:2] bits have effect on the automatic aspects of flow control
only, not the interrupt generation.
MR3[1:0] Address Recognition
This field controls the operation of the Address recognition logic. If
the device is not operating in the special or ”wake–up” mode, this
hardware may be used as a general–purpose character detector by
choosing any combination except b’00. Interrupt generation is
controlled by the channel IMR. The interrupt may be cleared by a
read of the XISR, the Xon/Xoff Interrupt Status Register. See further
description in the section on the Wake Up mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com