Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 51Page - NXP Semiconductors SC28L202 Datasheet HTML 52Page - NXP Semiconductors SC28L202 Datasheet HTML 53Page - NXP Semiconductors SC28L202 Datasheet HTML 54Page - NXP Semiconductors SC28L202 Datasheet HTML 55Page - NXP Semiconductors SC28L202 Datasheet HTML 56Page - NXP Semiconductors SC28L202 Datasheet HTML 57Page - NXP Semiconductors SC28L202 Datasheet HTML 58Page - NXP Semiconductors SC28L202 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
49
CTVL Counter –Timer Value Lower (Counter/Timer 0)
CTVL
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
The lower eight (8) bits for the 16 bit counter timer value register
Only the counter/timer 0 is available in the low order 16–position
address map. Issuing the start command loads the C/T with the
preset value. The Stop command resets the C/T ready bit in the ISR
(Interrupt status Register) and captures the C/T value in the output
latches of the C/T. In the special time out mode the start and stop
commands are ignored. The “start command is executed by a read
at address 0xE; the stop at 0xF.
IVR Interrupt Vector register in 68K mode and General purpose read write register in the x86 mode
IVR
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
The eight (8) bits of the interrupt vector in the 68K mode.
IPR Input Port Register I/O(6:0) A
IPR
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Logical levels or the I/O[6:0] A, Bit 7 read as “1”
OPCR Output Port Configuration Register. Controls [7:2] B
Bit 7
BIT 6
BIT 5
BIT 4
BIT (3:2)
BIT (1:0)
I/O7 B
I/O6 B
I/O5 B
I/O4 B
I/O3 B
I/O2 B
0 = OPR[7]
1 = Tx RDY B
0 = OPR[6]
1 = Tx RDY A
0 = OPR[5]
1 = Rx RDY / FFULL B
0 = OPR[4]
1 = Rx RDY / FFULL A
00 = OPR[3]
01 = C/T OUTPUT
10 = TxC B(1X)
11 = RxC B(1X)
00 = OPR[2]
01 = TxC A(16X)
10 = TxC A(1X)
11 = RxC A(1X)
NOTE: I/O0 B and I/O1 B output OPR(0) and OPR(1) respectively.
Under program control of MR1 and MR2 the signals RTSN A for
I/O0 B and RTSN B for I/O1 B may be assigned.
OPCR[7] –This bit programs the I/O7 B output to provide one of the
following:
• 0 The complement of OPR[7].
• 1 The Channel B transmitter interrupt output which is the
complement of ISR[4]. When in this mode I/O7 acts as an open–
drain output. Note that this output is not masked by the contents
of the IMR.
OPCR[6] –This bit programs the I/O6 B output to provide one of the
following:
• 0 The complement of OPR[6].
• 1 The Channel A transmitter interrupt output which is the
complement of ISR[0]. When in this mode I/O6 acts as an open–
drain output. Note that this output is not masked by the contents
of the IMR.
OPCR[5] –This bit programs the I/O5 B output to provide one of the
following:
• 0 The complement of OPR[5].
• 1 The Channel B receiver interrupt output which is the
complement of ISR[5]. When in this mode I/O5 acts as an
open–drain output. Note that this output is not masked by the
contents of the IMR.
OPCR[4] –This field programs the I/O4 B output to provide one of
the following:
• 0 The complement of OPR[4].
• 1 The Channel A receiver interrupt output which is the
complement of ISR[1]. When in this mode I/O4 acts as an
open–drain output. Note that this output is not masked by the
contents of the IMR.
OPCR[3:2] –This bit programs the I/O3 B output to provide one of
the following:
• 00 The complement of OPR[3].
• 01 The counter/timer output, in which case I/O3 acts as an
open–drain output. In the timer mode, this output is a square wave
at the programmed frequency. In the counter mode, the output
remains high until terminal count is reached, at which time it goes
low. The output returns to the high state when the counter is
stopped by a stop counter command. Note that this output is not
masked by the contents of the IMR.
• 10 The 1X clock for the Channel B transmitter that shifts the
transmitted data. If data is not being transmitted, a free running 1X
clock is output.
• 11 The 1X clock for the Channel B receiver that samples the
received data. If data is not being received, a free running 1X
clock is output.
OPCR[1:0] –This field programs the I/O2 B output to provide one of
the following:
• 00 The complement of OPR[2].
• 01 The 16X clock for the Channel A transmitter. This is the clock
selected by CSR A [3:0], and will be a 1X clock if CSR A [3:0] =
1111.
• 10 The 1X clock for the Channel A transmitter that shifts the
transmitted data. If data is not being transmitted, a free running 1X
clock is output.
• 11 The 1X clock for the Channel A receiver that samples the
received data. If data is not being received, a free running 1X
clock is output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com