Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 16Page - NXP Semiconductors SC28L202 Datasheet HTML 17Page - NXP Semiconductors SC28L202 Datasheet HTML 18Page - NXP Semiconductors SC28L202 Datasheet HTML 19Page - NXP Semiconductors SC28L202 Datasheet HTML 20Page - NXP Semiconductors SC28L202 Datasheet HTML 21Page - NXP Semiconductors SC28L202 Datasheet HTML 22Page - NXP Semiconductors SC28L202 Datasheet HTML 23Page - NXP Semiconductors SC28L202 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
14
the FIFO and re–align the FIFO read/write pointers. This effectively
“clears” the receiver FIFO although the FIFO data is not altered.
Receiver Watchdog Timer
A ‘watchdog timer’ is associated with each receiver. Its interrupt is
enabled by the “watchdog” bits of the “Watch Dog, Character
Address, and X enable” register (WCXER). The purpose of this
timer is to alert the control processor that characters are in the
RxFIFO which have not been read and/or the data stream has
stopped. This situation may occur at the end of a transmission when
the last few characters received are not sufficient to cause an
interrupt. This counter times out after 64 bit times. It is reset each
time a read of the RxFIFO is executed.
Receiver Time–out Mode
In addition to the watch dog timer described in the receiver section,
the counter/timer may be used for a similar function. Its
programmability, of course, allows much greater precision of timeout
intervals.
The time–out mode uses the received data stream to control the
counter. Each time a received character is transferred from the shift
register to the RxFIFO, the counter is restarted. If a new character is
not received before the counter reaches zero count, the counter
ready bit is set, and an interrupt can be generated. This mode can
be used to indicate when data has been left in the RxFIFO for more
than the programmed time limit. Otherwise, if the receiver has been
programmed to interrupt the CPU when the receive FIFO is full, and
the message ends before the FIFO is full, the CPU may not know
there is data left in the FIFO. The CTPU and CTPL value would be
programmed for just over one character time, so that the CPU would
be interrupted as soon as it has stopped receiving continuous data.
This mode can also be used to indicate when the serial line has
been marking for longer than the programmed time limit. In this
case, the CPU has read all of the characters from the FIFO, but the
last character received has started the count. If there is no new data
during the programmed time interval, the counter ready bit will get
set, and an interrupt can be generated.
Writing the appropriate command to the command register enables
the time–out mode. Writing an ‘Ax’ to CR A or CR B will invoke the
time–out mode for that channel. Writing a 0xCx to CR A or CR B will
disable the time–out mode. CTPU and CTPL should be loaded with
a count–down value that, with the selected clock, will generate a
time period greater than the normal receive character period. The
time–out mode disables the regular START/STOP Counter
commands and puts the C/T into counter mode under the control of
the received data stream. Each time a received character is
transferred from the shift register to the RxFIFO, the C/T is stopped
after 1 C/T clock, reloaded with the value in CTPU and CTPL and
then restarted on the next C/T clock. If the C/T is allowed to end the
count before a new character has been received, the counter ready
bit, ISR [3], will be set. If IMR [3] is set, interrupt arbitration for the
C/T will begin. Invoking the ‘Set Time–out Mode On’ command, CRx
= ‘Ax’, clears the counter ready bit and stop the counter until the
next character is received.
Exiting the time mode will clear the counter ready bit.
Arbitrating Interrupt Structure
(NOTE: The advantages and intelligence of this system may be
completely defeated by merely setting the arbitration value in the
ICR to 0x00 and not using the CIR. One would then rely on
traditional interrupt service by searching and testing various status
registers on the assertion of the IRQN.)
The interrupt system determines when an interrupt should be
asserted thorough an arbitration (or bidding) system. This arbitration
is exercised over the several systems within the DUART that may
generate an interrupt. These will be referred to as ”interrupt
sources”. There are 18 in all and may of those have several
sub–levels. In general the arbitration is based on the fill level of the
receiver FIFO or the empty level of the transmitter FIFO. The FIFO
levels are encoded into an 8–bit number, which is concatenated to
the channel number and source identification code. All of this is
compared (via the bidding or arbitration process) to a user defined
”threshold”. Whenever a source exceeds the numerical value of the
threshold the interrupt will be generated.
Interrupt sources that do not have a FIFO are each provided with a
“programmable field” that will determine their importance in the
arbitration and type identification process. (See Table 1 below)
At the time of interrupt acknowledge (IACKN) the source which has
the highest bid (not necessarily the source that caused the interrupt
to be generated) will be captured in a ”Current Interrupt Register”
(CIR). This register will contain the complete definition of the
interrupting source: channel, types of interrupt (receiver, transmitter,
change of state, etc.) and FIFO fill level. The value of the bits in the
CIR are used to drive the interrupt vector and global registers such
that controlling processor may be steered directly to the proper
service routine. A single read operation to the CIR provides all the
information needed to qualify and quantify the most common
interrupt sources.
The interrupt sources for each channel are listed below.
• Transmit FIFO empty level for each channel
• Receive FIFO Fill level for each channel
• Receiver with error for each channel
• Change in break received status per channel
• Change of state on channel input pins
• Receiver Watch–dog Time out Event
• Xon/Xoff character recognition
• Address character recognition
• Counter–Timer
• No interrupt active (very useful in polled service and as a test
value to terminate interrupt service)
Associated with the interrupt system are the interrupt mask register
(IMR) and the interrupt status register (ISR) resident in each UART.
Programming of the IMR selects which of the above sources may
enter the arbitration process. The IMR enables the interrupt. Only
the bidders in the ISR whose associated bit in the IMR is set to one
(1) will be permitted to enter the arbitration process. The ISR can be
read by the host CPU to determine all currently active interrupting
conditions. For convenience of reading the ISR the MR1 (6) bit,
when set, allows the reading of the ISR masked by the bits of the
IMR.
Enabling and Activating Interrupt sources
An interrupt source becomes enabled when writing a one to the
proper Interrupt Mask Register bit (IMR) activates its interrupt
capability. An interrupt source can never generate an IRQN or have
its ”bid” or interrupt number appear in the CIR unless the source has
been enabled by the appropriate bit in an IMR.
An interrupt source is active if it is presenting its bid to the interrupt
arbiter for evaluation. Most sources have simple activation
requirements. The watch–dog timer, break received, Xon/Xoff or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com