Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 44Page - NXP Semiconductors SC28L202 Datasheet HTML 45Page - NXP Semiconductors SC28L202 Datasheet HTML 46Page - NXP Semiconductors SC28L202 Datasheet HTML 47Page - NXP Semiconductors SC28L202 Datasheet HTML 48Page - NXP Semiconductors SC28L202 Datasheet HTML 49Page - NXP Semiconductors SC28L202 Datasheet HTML 50Page - NXP Semiconductors SC28L202 Datasheet HTML 51Page - NXP Semiconductors SC28L202 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
42
REGISTER DESCRIPTIONS Mode Registers
MR0 Mode Register 0 MR0 is accessed by setting the MR pointer to 0 via the command register command B.
Bit 7
BIT 6
BIT (5:4)
BIT 3
BIT 2
BIT 1
BIT 0
MR0 A
MR0 B
MR0 B[3:0]
are reserved
Rx WATCH
DOG
0 = Disable
1 = Enable
RxINT BIT 2
See Tables in
MR0 description
TxINT (1:0)
See table #4
FIFO Size
0 = 8
1 = 256
BAUD RATE
EXTENDED II
0 = Norma
1 = Extend II
TEST 2
Set to 0
BAUD RATE
EXTENDED 1
0 = Normal
1 = Extend
MR0[7] This bit controls the receiver watchdog timer. 0 = disable,
1 = enable. When enabled, the watch dog timer will generate a
receiver interrupt if the receiver FIFO has not been accessed within
64 bit times of the receiver 1X clock. This is used to alert the control
processor that data is in the RxFIFO that has not been read. This
situation may occur when the byte count of the last part of a
message is not large enough to generate an interrupt. This control
bit is duplicated WCXER(7:6)
MR0[6] – Bit 2 of receiver FIFO interrupt level. This bit along with Bit
6 of MR1 sets the fill level of the 8 byte FIFO that generates the
receiver interrupt.
MR0[6] MR1[6] Note that this control is split between MR0 and MR1.
This is for backward compatibility to the SC2692 and SCN2681.
Table 9. Receiver FIFO Interrupt Fill Level
MR0(3)=0
MR0[6] MR1[6]
Interrupt Condition
00
1 or more bytes in FIFO (Rx RDY)
01
3 or more bytes in FIFO
10
6 or more bytes in FIFO
11
8 bytes in FIFO (Rx FULL)
Table 10. Receiver FIFO Interrupt Fill Level
MR0(3)=1
MR0[6] MR1[6]
Interrupt Condition
00
1 or more bytes in FIFO (Rx RDY)
01
128 or more bytes in FIFO
10
192 or more bytes in FIFO
11
256 bytes in FIFO (Rx FULL)
For the receiver these bits control the number of FIFO positions
empty when the receiver will attempt to interrupt. After the reset the
receiver FIFO is empty. The default setting of these bits cause the
receiver to attempt to interrupt when it has one or more bytes in it.
MR0[5:4] – Tx interrupt fill level.
Table 11. Transmitter FIFO Interrupt Fill Level
MR0(3)=0
MR0[5:4]
Interrupt Condition
00
8 bytes empty (Tx EMPTY)
01
4 or more bytes empty
10
6 or more bytes empty
11
1 or more bytes empty (Tx RDY)
Table 12. Transmitter FIFO Interrupt Fill Level
MR0(3)=1
MR0[5:4]
Interrupt Condition
00
256 bytes empty (Tx EMPTY)
01
128 or more bytes empty
10
192 or more bytes empty
11
1 or more bytes empty (Tx RDY)
For the transmitter these bits control the number of FIFO positions
empty when the receiver will attempt to interrupt. After the reset the
transmit FIFO has 8 bytes empty. It will then attempt to interrupt as
soon as the transmitter is enabled. The default setting of the MR0
bits (00) condition the transmitter to attempt to interrupt only when it
is completely empty. As soon as one byte is loaded, it is no longer
empty and hence will withdraw its interrupt request.
MR0[3] – FIFO Size
MR0[2:0] – These bits are used to select one of the six–baud rate
groups.
See Table 13 for the group organization.
• 000 Normal mode
• 001 Extended mode I
• 100 Extended mode II
Other combinations of MR2[2:0] should not be used
NOTE: MR0[3:0] are not used in channel B and should be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com