Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 49Page - NXP Semiconductors SC28L202 Datasheet HTML 50Page - NXP Semiconductors SC28L202 Datasheet HTML 51Page - NXP Semiconductors SC28L202 Datasheet HTML 52Page - NXP Semiconductors SC28L202 Datasheet HTML 53Page - NXP Semiconductors SC28L202 Datasheet HTML 54Page - NXP Semiconductors SC28L202 Datasheet HTML 55Page - NXP Semiconductors SC28L202 Datasheet HTML 56Page - NXP Semiconductors SC28L202 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
47
IPCR Input Port Configuration Register
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
IPCR
Delta
I/O 3A
Delta
I/O 2A
Delta
I/O 1A
Delta
I/O 0A
I/O 3A
I/O 2A
I/O 1A
I/O 0A
0 = no change
1 = change
0 = no change
1 = change
0 = no change
1 = change
0 = no change
1 = change
0 = low
1 = High
0 = low
1 = High
0 = low
1 = High
0 = low
1 = High
IPCR [7:4] I/03A, I/O2 A, I/O1 A, I/O0 A Change–of–State
These bits are set when a change–of–state, as defined in the input
port section of this data sheet, occurs at the respective input pins.
They are cleared when the IPCR is read by the CPU. A read of the
IPCR also clears ISR [7], the input change bit in the interrupt status
register. The setting of these bits can be programmed to generate
an interrupt to the CPU.
IPCR [3:0] I/O3 A, I/O2 A, I/O1 A, I/O0 A logical level of I/O pin.
These bits provide the current state of the respective inputs. The
information is unlatched and reflects the state of the input pins at the
time the IPCR is read.
ACR Auxiliary Control Register
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ACR
BRG SET
Select
Counter Timer Mode
and
clock source select
Delta
I/O3 A interrupt
enable
Delta
I/O2 A interrupt
enable
Delta
I/O1 A interrupt
enable
Delta
I/O0 A interrupt
enable
0 = set 1
1 = set 2
See Table 14
0 = off
1 = enabled
0 = off
1 = enabled
0 = off
1 = enabled
0 = off
1 = enabled
ACR[7] – Baud Rate Generator Set Select
This bit selects one of two sets of baud rates to be generated by the
BRG and it effects both channels. (see Table 13).
ACR[6:4] – Counter/Timer Mode And Clock Source Select
This field selects the operating mode of the counter/timer and its
clock source as shown in Table 14.
ACR [3:0] – I/O3 A, I/O2 A, I/O1 A, I/O0 A Change–of–State
Interrupt Enable
This field selects which bits of the input port change register (IPCR)
cause the input change bit in the interrupt status register (ISR [7]) to
be set. If a bit is in the ‘on’ state the setting of the corresponding bit
in the IPCR will also result in the setting of ISR [7], which results in
the generation of an interrupt output if IMR [7] = 1. If a bit is in the
‘off’ state, the setting of that bit in the IPCR has no effect on ISR [7].
Table 14. ACR 6:4 Field Definition
ACR(6:4)
MODE
CLOCK SOURCE
000
Counter
External (I/02A)
001
Counter
TxC A – 1X clock of Channel A
transmitter
010
Counter
TxC B – 1X clock of Channel B
transmitter
011
Counter
(X1/Sclk) clock divided by 16
100
Timer
External (I/O 2A)
101
Timer
External (I/O2 A) divided by 16
110
Timer
Crystal or external clock (X1/Sclk)
111
Timer
(X1/Sclk) clock divided by 16
NOTE: The timer mode generates a square wave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com