Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 11Page - NXP Semiconductors SC28L202 Datasheet HTML 12Page - NXP Semiconductors SC28L202 Datasheet HTML 13Page - NXP Semiconductors SC28L202 Datasheet HTML 14Page - NXP Semiconductors SC28L202 Datasheet HTML 15Page - NXP Semiconductors SC28L202 Datasheet HTML 16Page - NXP Semiconductors SC28L202 Datasheet HTML 17Page - NXP Semiconductors SC28L202 Datasheet HTML 18Page - NXP Semiconductors SC28L202 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
9
more than 2 CMOS or TTL equivalents. The X1/Sclk clock serves as
the basic timing reference for the baud rate generator (BRG) and is
available to the programmable BRG (PBRG), counter–timers,
control logic and the UART receivers and transmitters.
Baud Rate Generator BRG
The baud rate generator operates from the oscillator or external
X1/Sclk clock input and generates 27 commonly used data
communications baud rates (including MIDDI) ranging from 50 to
921.6K baud. These common rates may be increased (up to 3000K
baud) when faster clocks are used on the X1/Sclk clock input. (See
Receiver and Transmitter Clock Select Register descriptions.) All of
these are available simultaneously for use by any receiver or
transmitter. The clock outputs from the BRG are at 16X the actual
baud rate.
Please see counter timer description for a description of the
frequency error that the asynchronous protocol may tolerate.
Depending on character length it varies from 4.1% to 6.7%.
Counter–Timer
The two Counter/Timers are programmable 16 bit dividers that are
used for generating miscellaneous clocks or generating timeout
periods. These clocks may be used by any or all of the receivers
and transmitters in the DUART or may be directed to an I/O pin for
miscellaneous use.
Counter/Timer programming
The counter timer is a 16–bit programmable divider that operates in
one of four modes: character count, counter, timer, and time out.
Character count counts characters. The timer mode generates a
square wave. In the counter mode it generates a time delay. In the
time out mode it monitors the time between received characters.
The C/T uses the numbers loaded into the Counter/Timer Lower
Register (CTPL) and the Counter/Timer Upper Register (CTPU) as
its divisor. The counter timer is controlled with six commands:
Start/Stop C/T, Read/Write Counter/Timer lower register and
Read/Write Counter/Timer upper register. These commands have
slight differences depending on the mode of operation. Please see
the detail of the commands under the CTPL/CTPU Register
descriptions.
Whenever the these timers are selected via the receiver or
transmitter Clock Select register their output will be configured as a
16x clock for the respective receiver or transmitter. Therefore one
needs to program the timers to generate a clock 16 times faster than
the data rate. The formula for calculating ’n’, the number loaded to
the CTPU and CTPL registers, based on a particular input clock
frequency is shown below.
For the timer mode the formula is as follows:
n
+
Clockinputfrequency
(2
16
(Baud rate desired))
NOTE: ‘n’ may assume a value of 1. In previous Philips data
communications controllers this value was not allowed. The
Counter/Timer Clock Select Register (CTCS) controls the
Counter/Timer input frequency.
The frequency generated from the above formula will be at a rate 16
times faster than the desired baud rate. The transmitter and receiver
state machines include divide by 16 circuits, which provide the final
frequency and provide various timing edges used in the qualifying
the serial data bit stream. Often this division will result in a
non–integer value: 26.3 for example. One may only program integer
numbers to a digital divider. There for 26 would be chosen. If 26.7
were the result of the division then 27 would be chosen. This gives a
baud rate error of 0.3/26.3 or 0.3/26.7 that yields a percentage error
of 1.14% or 1.12% respectively, well within the ability of the
asynchronous mode of operation. Higher input frequency to the
counter reduces the error effect of the fractional division
One should be cautious about the assumed benign effects of small
errors since the other receiver or transmitter with which one is
communicating may also have a small error in the precise baud rate.
In a ”clean” communications environment using one start bit, eight
data bits and one stop bit the total difference allowed between the
transmitter and receiver frequency is approximately 4.6%. Less than
eight data bits will increase this percentage.
Programmable Baud Rate Generators. PBRG
Two PBRG Counters (Used only for random baud rate generation)
The two PBRG Timers are programmable 16 bit dividers that are
used for generating miscellaneous clocks. These clocks may be
used by any or all of the receivers and transmitters in the SC28L202
or output to the general purpose I/O pins.
Each timer unit has eight different clock sources available to it as
described in the PBRG clock source Register. Note that the timer
run and stop controls are also contained in this register. The PBRG
counters generate a symmetrical square wave whose half period is
equal in time to the division of the selected PBRG Timer clock
source by the number loaded to the PBRGPU and PBRGPL Preset
Registers. Thus, the output frequency will be the clock source
frequency divided by twice the 16 bit value loaded to these registers.
This is the result of counting down once for the high portion of the
output wave and once for the low portion.
Whenever the these timers are selected via the receiver or
transmitter Clock Select register their output will be configured as a
16x clock for the respective receiver or transmitter. Therefore one
needs to program the timers to generate a clock 16 times faster than
the data rate. The formula for calculating ’n’, the number loaded to
the PBRGPL and PBRGPU registers, is the same as shown above
I/O Ports
Eight I/O ports are “loosely” provided for each channel. They may be
programmed to be inputs or outputs. The input circuits are always
active whether programmed as and input or an output. In general a
2–bit code in the
I/OPCR (I/O Port Control Register) controls what
function these pins will present. All I/O ports default to high
impedance input state on power up.
When calling software written for previous Philips (Signetics)
DUARTs the user should be sure to declare I/O ports to be
inputs where drivers may be attached to an I/O port pin that
previous software had expected to be an output.
Input Characteristics of the I/O ports
Eight I/O pins are provided for each channel. These pins are
configured individually to be inputs or outputs. As inputs they may
be used to bring external data to the bus, as clocks for internal
functions or external control signals. Each I/O pin has a ”Change of
State” detector. The change detectors are used to signal a change in
the signal level at the pin (Either 0 to 1 or 1 to 0 transitions). The
level change on these pins must be stable for 25 to 50 us (two
edges of the 38.4 KHz baud rate clock) before the detectors will
signal a valid change. These are typically used for interface signals
from modems to the DUART and from there to the host.
Output Port of the I/O ports
The OPR, I/OPCR, MR, and CR registers may control the I/O pins
when configured as outputs. (For the control in the loser 16 position
address space the control register is the OPCR) Via appropriate
programming the pins of the output port may be configures as
another parallel port to external circuits, or they may represent
internal conditions of the UART. When this 8–bit port is used as a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com