Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 56Page - NXP Semiconductors SC28L202 Datasheet HTML 57Page - NXP Semiconductors SC28L202 Datasheet HTML 58Page - NXP Semiconductors SC28L202 Datasheet HTML 59Page - NXP Semiconductors SC28L202 Datasheet HTML 60Page - NXP Semiconductors SC28L202 Datasheet HTML 61Page - NXP Semiconductors SC28L202 Datasheet HTML 62Page - NXP Semiconductors SC28L202 Datasheet HTML 63Page - NXP Semiconductors SC28L202 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
54
REGISTER MAP (BASED ON 28L92)
NOTE: The register maps for channels A and B (UARTs A and B) contain some control registers that configure the entire chip. These are
denoted by a ”
•” symbol
A(6:0)
READ
WRITE
GLOBAL
110 0000 (0x60)
• Interrupt Control Register (ICR)
• Interrupt Control Register (ICR)
110 0001 (0x61)
• Current Interrupt Register (CIR)
• Update Current Interrupt Register (UCIR)
110 0010 (0x62)
110 0011 (0x63)
110 0100 (0x64)
• Interrupt Vector Register (IVR)
• Interrupt Vector Register (IVR)
110 0101 (0x65)
110 0110 (0x66)
• Global Chip Configuration Register (GCCR)
• Global Chip Configuration Register (GCCR)
110 0111 (0x67)
• Test & Revision Register (TRR)
• Test & Revision Register (TRR)
110 1000 (0x68)
110 1001 (0x69)
110 1010 (0x6A)
110 1011 (0x6B)
110 1100 (0x6C)
110 1101 (0x6D)
110 1110 (0x6E)
110 1111 (0x6F)
111 0000 (0x70)
• Global Interrupt Channel Register (GICR)
111 0001 (0x71)
• Global Interrupt Byte Count Register (GIBCR)
111 0010 (0x72)
•Global Interrupt Type Register (GITR)
111 0011 (0x73)
• Global RxFIFO Register (GRxFIFO)
• Global TxFIFO Register (GTxFIFO)
111 0100 (0x74)
111 0101 (0x75)
111 0110 (0x76)
111 0111 (0x77)
• Scan Test Control Register (STCR)
• Scan Test Control Register (STCR)
111 1000 (0x78)
111 1001 (0x79)
111 1010 (0x7A)
111 1011 (0x7B)
111 1100 (0x7C)
111 1101 (0x7D)
111 1110 (0x7E)
111 1111 (0x7F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com