Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 47Page - NXP Semiconductors SC28L202 Datasheet HTML 48Page - NXP Semiconductors SC28L202 Datasheet HTML 49Page - NXP Semiconductors SC28L202 Datasheet HTML 50Page - NXP Semiconductors SC28L202 Datasheet HTML 51Page - NXP Semiconductors SC28L202 Datasheet HTML 52Page - NXP Semiconductors SC28L202 Datasheet HTML 53Page - NXP Semiconductors SC28L202 Datasheet HTML 54Page - NXP Semiconductors SC28L202 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
45
CSR A – Channel A Clock Select Register CSR A [7:4] –
Channel A Receiver Clock Select
This field selects the baud rate clock for the Channel A receiver. The
field definition is shown in Table 13.
CSR Clock Select Register
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CSR A & CSR B
RECEIVER CLOCK SELECT
TRANSMITTER CLOCK SELECT
See Text and Table 13
See Text and Table 13
Table 13. Baud Rate (Base on a 14.7456 MHz crystal clock)
MR0[0] = 0 (Normal Mode)
MR0[0] = 1 (Extended Mode I)
MR0[2] = 1 (Extended Mode II)
CSR A [7:4]
ACR[7] = 0
ACR[7] = 1
ACR[7] = 0
ACR[7] = 1
ACR[7] = 0
ACR[7] = 1
0000
50
75
300
450
4,800
7,200
0001
110
110
110
110
880
880
0010
134.5
134.5
134.5
134.5
1,076
1,076
0011
200
150
1200
900
19.2K
14.4K
0100
300
300
1800
1800
28.8K
28.8K
0101
600
600
3600
3600
57.6K
57.6K
0110
1,200
1,200
7200
7,200
115.2K
115.2K
0111
1,050
2,000
1,050
2,000
1,050
2,000
1000
2,400
2,400
14.4K
14.4K
57.6K
57.6K
1001
4,800
4,800
28.8K
28.8K
4,800
4,800
1010
7,200
1,800
7,200
1,800
57.6K
14.4K
1011
9,600
9,600
57.6K
57.6K
9,600
9,600
1100
38.4K
19.2K
230.4K
115.2K
38.4K
19.2K
1101
Timer
Timer
Timer
Timer
Timer
Timer
1110
I/O4 A–16X
I/O4 A–16X
I/O4 A–16X
I/O4 A–16X
I/O4 A–16X
I/O4 A–16X
1111
I/O4 A–1X
I/O4 A–1X
I/O4 A–1X
I/O4 A–1X
I/O4 A–1X
I/O4 A–1X
NOTE: The receiver clock is always a 16X clock except for CSR A [7:4] = 1111.
CSR A [3:0] – Channel A EXTERNAL Transmitter Clock Select
This field selects the baud rate clock for the Channel A transmitter.
The field definition is as shown in Table 13, except as follows:
CSR A [3:0]
ACR[7] = 0
ACR[7] = 1
1110
I/O3 A–16X
I/O3 A–16X
1111
I/O3 A–1X
I/O3 A–1X
The transmitter clock is always a 16X clock except for CSR[3:0] =
1111.
CSR B [7:4] – Channel B Receiver Clock Select
This field selects the baud rate clock for the Channel B receiver. The
field definition is as shown in Table 13, except as follows:
CSR B [7:4]
ACR[7] = 0
ACR[7] = 1
1110
I/O6 A–16X
I/O6 A–16X
111
I/O6 A–1X
I/O6 A–1X
The receiver clock is always a 16X clock except for CSR B [7:4] =
1111.
CSR B [3:0] – Channel B Transmitter Clock Select
This field selects the baud rate clock for the Channel B transmitter.
The field definition is as shown in Table 13, except as follows:
CSR B [3:0]
ACR[7] = 0
ACR[7] = 1
1110
I/O5 A–16X
I/O5 A–16X
1111
I/O5 A–1X
I/O5 A–1X
The transmitter clock is always a 16X clock except for CSR B [3:0] =
1111.
Rx FIFO Register. For characters shorter than 8 bits the unused bits are set to zero
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Bits of the received data characters.
Tx FIFO register. For characters shorter than 8 bits the unused bits are set to zero
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Bits of the data characters to be transmitted
CR A and B Command Register
CR, one for each channel, controls the channel commands and
enables/disables the receiver and transmitter. Commands may be to
the upper and lower four bits in the same bus cycle. If both enable
and disable bits are set to 1 in the lower four bits a disable will
result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com