Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 34Page - NXP Semiconductors SC28L202 Datasheet HTML 35Page - NXP Semiconductors SC28L202 Datasheet HTML 36Page - NXP Semiconductors SC28L202 Datasheet HTML 37Page - NXP Semiconductors SC28L202 Datasheet HTML 38Page - NXP Semiconductors SC28L202 Datasheet HTML 39Page - NXP Semiconductors SC28L202 Datasheet HTML 40Page - NXP Semiconductors SC28L202 Datasheet HTML 41Page - NXP Semiconductors SC28L202 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
32
TxFIL – Transmitter FIFO Interrupt Level A and B
Bits 7:0
Any one of 256 FIFO empty positions
The position in the Tx FIFO that caused the transmitter will enter the interrupt arbitration process. This register is used to offset the effect of the
arbitration threshold. It use may yield moderate improvements in the interrupt service. It will also “equalize” interrupt latency and allow for larger
aggregate block transfers between fast and slow channels. Writing to this register removes the interrupt control established in MR0 and MR1.
TxEL – Transmitter FIFO Empty Level Register
Bits 7:0
Channel byte count code ** (1) = implied ‘1’
00000001 = 1
00000010 = 2
to
11111111 = 255
**(1)00000000 = 256 if TxRDY status bit is set.
The number of empty bytes in the Transmitter FIFO
Registers for Character Recognition
XonCR – Xon/Xoff Character Register A and B
Bits 7:0
8 Bits of the Xon Character Recognition (Resets to 0x11)
An 8–bit character register that contains the compare value for a Xon character.
XoffCR – Xoff Character Register A and B
Bits 7:0
8 Bits of the Xoff Character Recognition (Resets to 0x13)
An 8–bit character register that contains the compare value for a Xoff character.
ARCR – Address Recognition Character Register A and B
Bits 7:0
8 Bits of the Multi–Drop Address Character Recognition (Resets to 0x00)
An 8 bit character register that contains the compare value for the wake–up address character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com