Electronic Components Datasheet Search
  English  ▼

X  

SC28L202 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 22Page - NXP Semiconductors SC28L202 Datasheet HTML 23Page - NXP Semiconductors SC28L202 Datasheet HTML 24Page - NXP Semiconductors SC28L202 Datasheet HTML 25Page - NXP Semiconductors SC28L202 Datasheet HTML 26Page - NXP Semiconductors SC28L202 Datasheet HTML 27Page - NXP Semiconductors SC28L202 Datasheet HTML 28Page - NXP Semiconductors SC28L202 Datasheet HTML 29Page - NXP Semiconductors SC28L202 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
20
REGISTER DESCRIPTION AND PROGRAMMING
NOTE
Programmers may use either of two register sets or mix the features
of each. It is suggested that only the extended register set be used
in new designs. However if a system needed to use a block of
communications code written for an older system then that code
could merely be called. This is similar to calling a DOS® program in
a WINDOWS® environment. Before calling legacy code it is
recommended (but not required) to execute “Reset to C92”
command. Also consideration must be given to the I/O pins to avoid
contention of drivers of the pins and an external driver.
Two control register descriptions and maps are implemented in the
SC28L92: one represents the previous 4–bit address and the other
the new 7–bit address space representing the all the new features of
the new design.
The Design of the SC28L202 allows for high degree with former
Philips two channel communications controllers – DUARTs. To
facilitate this feature the complete register function and control of the
SC26C92 is replicated in the SC28L202. That is code written for the
SCN2681, SCN68681, SCC2692, SCC68692 and SC26C92 will
operate with this device.
With the execution of code written for previous DUARTs and
immediately after a hardware reset or a “Reset to C92” command
the following configuration will exist:
1. The size of all FIFOs is set to 8 bytes (for legacy code).
2. FIFO interrupt levels are controlled by the bits of the MR
registers
3. All I/O ports are set to input.
4. Receiver FIFO set to interrupt on FIFO ready.
5. Transmitter FIFO set to interrupt on FIFO empty.
6. Baud selection follows previous 4 bit programming and baud rate
grouping controlled by the MR and ACR registers.
Table 2. SC28L202 REGISTER BIT DESCRIPTIONS
Registers that control Global Properties of the 28L202
GCCR – Global Configuration Control Register
THIS IS A VERY IMPORTANT REGISTER! IT SHOULD BE THE FIRST REGISTER ADDRESSED DURING INITIALIZATION.
Hex
Bit (7)
Bit (6)
Bit (5:3)
Bit(2:1)
BIT 0
Addr
Reserved
DACKN
Assertion
Reserved
IVC Interrupt Vector Control
ISR Read Mode
0 – Slow (timed
by 2 SCLK
edges)
1 – Fast
(Asynchronous)
Set to 0
00 = no interrupt vector
01 = IVR(7:0)
10 = IVR(7:1) + channel code
11 = IVR(7:5) + interrupt type + channel code
0 = ISR Unmasked
1 = ISR Read Masked by IMR
GCCR(7:6) DACKN Assertion
Motorola bus cycle time can be controlled by selecting a DACKN
assertion time based on X1/Sclk speed .
See examples below.
X1/SCLK
#SCLK Cycles
Delay
3.6864 MHz
1/2–1
136–272 ns
7.3728 MHz
1/2–1
68–136 ns
14.7456 MHz
1/2–1
34–68 ns
29.4912 MHz
1–2
34–68 ns
33.1776 MHz
2–3
60–90 ns
44.2368 MHz
2–3
46–68 ns
GCCR(5:3): Reserved
GCCR(2:1): Interrupt vector configuration
The IVC field controls if and how the assertion of IACKN (the
interrupt acknowledge pin) will form the interrupt vector for the
DUART. If b’00, no vector will be presented during an IACKN cycle.
The bus will be driven high (0xFF). If the field contains a b’01, the
contents of the IVR, Interrupt Vector Register, will be presented as
the interrupt vector without modification.
If IVC = 0x10, the channel code will replace the LSB of the IVR; if
IVC = b’11 then a modified interrupt type and channel code replace
the 3 LSBs of the IVR. NOTE: The modified type field IVR(2:1) is:
• 10 Receiver w/o error
• 11 Receiver with error
• 01 Transmitter
• 00 All remaining sources
GCCR(0): Interrupt Status Masking
This bit controls the readout mode of the Interrupt Status Register,
ISR. If set, the ISR reads the current status masked by the IMR, i.e.
only interrupt sources enabled in the IMR can ever show a ’1’ in the
ISR. If cleared, the ISR shows the current status of the interrupt
source without regard to the Interrupt Mask setting.
SFSR A and B Special Feature & Status Register
Bit 7
Bit 6
Bit 5
BIT 4
BIT 3
BIT 2:1
BIT 0
Reserved
Reserved
Reserved
Reserved
Loop Back Error
Remote Loop Error Check
Reserved
0 = No
1 = Yes
(read Only)
00 = Disabled
01 = Enabled, RxC ç TxC
10 = Enabled, RxC ç TxCN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com