Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 28 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 24Page - Monolithic Power Systems MP5990 Datasheet HTML 25Page - Monolithic Power Systems MP5990 Datasheet HTML 26Page - Monolithic Power Systems MP5990 Datasheet HTML 27Page - Monolithic Power Systems MP5990 Datasheet HTML 28Page - Monolithic Power Systems MP5990 Datasheet HTML 29Page - Monolithic Power Systems MP5990 Datasheet HTML 30Page - Monolithic Power Systems MP5990 Datasheet HTML 31Page - Monolithic Power Systems MP5990 Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
28
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
Power MOSFET Not Fully On
After the MP5990 is enabled and VOUT begins
ramping, the device recognizes a MOSFET not
fully on fault event if all of the following
conditions are met:
• V
SS > VDD33 - 0.7V
• V
GS < VCP - 0.7V
• No OC event has occurred
• No SC event has occurred
When these conditions are met, this indicates
that the MOSFET is not fully on. The MP5990
stops regulating the gate voltage and turns off
the MOSFET after a 250ms delay. Meanwhile,
GOK
and
SS
pull
low
(see
Figure
16).
FLT_TYPE indicates 0.6V for 50
μs to indicate a
DS/GS/GD fault. Then FLT_TYPE is released
to 0.3V.
t
MP5990 UVLO
1.4V
VSS_CLAMP
VOUT
VIN
VDD33
ON
SS
VGS
GOK
VCP
>VTH
Insertion Delay
250ms
Figure 16: Power MOSFET Not Fully On Fault in
Latch-Off Mode
In latch-off mode, the MOSFET does not turn
on again and soft start is not initiated until
power is cycled on VIN, VDD33, or EN, or an
ON command is received.
In hiccup mode, the MOSFET tries to soft start
automatically and GOK pulls high after a retry
delay time.
Maximum SS Fault
The MP5990 detects the voltage of SS pin (VSS)
to
check
whether
the
MOSFET
is
fully
enhanced. The maximum SS timer starts
counting when ON exceeds its rising threshold.
If VSS is below 340mV when the maximum SS
timer finishes, then ON, GOK, and SS pull low.
The maximum SS fault protection mode can be
configured to latch-off or hiccup mode via
EFUSE_CFG (C4h), bit[13]. The maximum SS
fault
timer
can
be
configured
via
MAX_SS_TIMER (C7h). The maximum fault
timer is 600ms.
GOK Fault
A comparator on the GOK pin controls parallel
operation. If the GOK voltage is below 1.5V,
FLT_TYPE indicates 0.3V. Then the MP5990
registers a system fault and turns off the
MOSFET with a 50
μs delay time.
The GOK fault can be configured to latch-off or
hiccup mode via RETRY_TIMES (F4h).
In latch-off mode, the MOSFET does not turn
on again and soft start is not initiated until
power is cycled on VIN, VDD33, or EN, or an
ON command is received.
In hiccup mode, the MOSFET tries to soft start
automatically and GOK pulls high after a retry
delay time.
For standalone operation, GOK has an internal
370k
Ω pull-up resistor to avoid falsely triggering
a GOK fault when there is no external pull-up
resistor.
Under-Voltage Lockout (UVLO) Protection
The MP5990 has two VIN UVLO protections.
The first is an absolute VIN UVLO protection,
with a fixed 3.2V rising threshold and 2.9V
falling threshold. The second is a PMBus-
configurable VIN UVLO. The rising and falling
thresholds can be configured via VIN_ON (35h)
and VIN_OFF (36h). The PMBus-configurable
VIN UVLO protection can be disabled via
VIN_PROTECT_EN
(E6h),
bit[0].
The
protection
mode
can
be
configured
via
EFUSE_CFG (C4h), bit[7].
The MP5990 can start up only when both
VDD33 and VIN exceed their respective UVLO
rising thresholds. The actual VIN UVLO rising
threshold that the MP5990 responds to is the
larger value between VIN_ON (35h) and 3.2V.
The MP5990 shuts down when either the
VDD33 drops below its UVLO falling threshold
(typically 2.3V) or VIN drops below its UVLO
falling threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com