Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 2Page - Monolithic Power Systems MP5990 Datasheet HTML 3Page - Monolithic Power Systems MP5990 Datasheet HTML 4Page - Monolithic Power Systems MP5990 Datasheet HTML 5Page - Monolithic Power Systems MP5990 Datasheet HTML 6Page - Monolithic Power Systems MP5990 Datasheet HTML 7Page - Monolithic Power Systems MP5990 Datasheet HTML 8Page - Monolithic Power Systems MP5990 Datasheet HTML 9Page - Monolithic Power Systems MP5990 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
6
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
I/O
Description
25
SCREF_
OCWREF
A [O]
Short-circuit current limit reference and over-current warning (OCW)
reference. The SCREF_OCWREF pin is a DAC output that sets the short-
circuit current limit and OCW current limit. If VSS > 340mV and ON is high, the
pin transits from SCREF to OCWREF.
26
EN
D [I]
Enable control. The EN pin is a digital input that turns the MP5990 on and off.
Drive EN high to turn on the MP5990; drive it low to turn off the device.
27, 28, 29,
30, 31, 32,
33, 34, 35,
36
VOUT
A [O]
Output voltage. The VOUT pin is connected to the source of the integrated
power MOSFET.
37
D_OC
D [O]
OC indication digital output. The D_OC pin is an open-drain output. If VCS
exceeds VOCWREF, D_OC asserts low.
38
ON
D [O]
Power MOSFET on/off control. Pull the ON pin above 2V to turn on the e-
fuse power MOSFET; pull ON below 0.6V to turn off the e-fuse power
MOSFET. The e-fuse power MOSFET cannot be turned off by pulling ON low
externally.
39
GOK
D [I/O]
Intelli-Fuse open-drain fault reporting output, and multi-phase slave fault
detection input. The GOK pin is an open-drain output. If a fault occurs, GOK
asserts low and latches. The faults that can trigger GOK include input over-
voltage (OV) faults, output OC faults, short-circuit faults, over-temperature
(OT) faults, and FET health faults. When the MP5990 operates in parallel with
the MP5991, the GOK pin works as the input for the slave phases
’ (MP5991)
fault detections. If GOK is pulled low by the slaves, then the master (MP5990)
pulls the ON pin low to disable the output.
40
FLT_TYPE
A [I]
Intelli-Fuse fault type indication output. The FLT_TYPE pin reports the fault
type. During multi-phase operation, connect the FLT_TYPE pins together to
indicate the most serious fault in the system.
41
MODE
A [I]
Mode selection. Connect a
120kΩ (±10%) resistor from the MODE pin to
GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com