Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 64 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 64 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 60Page - Monolithic Power Systems MP5990 Datasheet HTML 61Page - Monolithic Power Systems MP5990 Datasheet HTML 62Page - Monolithic Power Systems MP5990 Datasheet HTML 63Page - Monolithic Power Systems MP5990 Datasheet HTML 64Page - Monolithic Power Systems MP5990 Datasheet HTML 65Page - Monolithic Power Systems MP5990 Datasheet HTML 66Page - Monolithic Power Systems MP5990 Datasheet HTML 67Page - Monolithic Power Systems MP5990 Datasheet HTML 68Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
64
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
Bits
Bit Name
Description
15:8
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
7
OCW_EN
Enables over-current warning (OCW).
1’b0: Disabled
1’b1: Enabled
6
CLR_FAULT_CFG
Configures whether to clear the FBh register value after sending a 08h command
to clear the NVM’s latest fault.
1’b0: Do not clear the FBh value
1’b1: Clear the FBh value
5
FAULT_DET_CFG
Configures the fault conditions under which the MP5990 detects the FLT_TYPE
pin voltage. Slave faults are detected when GOK or SS goes low.
1
’b0: Any fault
1
’b1: Slave faults
4
OCP_TIME_SEL
Selects the resolution of the total over-current protection (OCP) timer.
1’b0: 500μs /LSB
1’b1: 100μs /LSB
3:2
NVM_RCD_CFG
Configure the NVM storing mode.
Bit[3] selects whether to store protection information when sending a 15h
command.
1’b0: Store all protection information
1’b1: Do not store any protection information
Bit[2] selects whether to store a section or just the protection word when the
protection recording function is enabled.
1’b0: Store section
1’b1: Just protection
1:0
RESERVED
Always write to 2’b00.
CHECK_SUM_FUNC (F8h)
The CHECK_SUM_USER_CODE command provides 2 bytes to return the check sum code (CRC
code) for the user code. When the MP5990 sends the 15h command to store configuration information
to the NVM, this command returns a CRC code for the user code, which are stored to the NVM. When
the MP5990 sends 16h command or starts NVM copying after VDD33 starts up, this command returns
a CRC code for the user code, which is exported from the NVM. This is read-only register.
Command
CHECK_SUM_FUNC
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Function
Bits
Bit Name
Description
15:0
CHECK_SUM_FUNC
These bits are read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com