Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 55 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 55 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 51Page - Monolithic Power Systems MP5990 Datasheet HTML 52Page - Monolithic Power Systems MP5990 Datasheet HTML 53Page - Monolithic Power Systems MP5990 Datasheet HTML 54Page - Monolithic Power Systems MP5990 Datasheet HTML 55Page - Monolithic Power Systems MP5990 Datasheet HTML 56Page - Monolithic Power Systems MP5990 Datasheet HTML 57Page - Monolithic Power Systems MP5990 Datasheet HTML 58Page - Monolithic Power Systems MP5990 Datasheet HTML 59Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
55
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
8
VIN_OVP_MODE
Sets the VIN over-voltage protection (OVP) mode.
1
’b0: Latch-off mode
1
’b1: Hiccup mode
7
VIN_UVLO_FAULT
If VIN under-voltage lockout (UVLO) is enabled by E6h, bits[0], this bit can
configure the VIN UVLO response. The VIN UVLO thresholds are set by registers
35h and 36h. If the response is set to no action, UVLO does not set the
corresponding bits in FAh, and the ON, GOK, SS, and PG pins do not pull low.
1
’b0: No action
1
’b1: Action
6
VIN_PRT_RESO
Combine this bit with VIN_PRT_SEL (E7h), bit[7]) to configure VIN-related
protection resolutions (e.g. VIN_ON, VIN_OFF, and VIN_OV).
500mV when VIN_PRT_RESO = 0, and VIN_PRT_SEL = 0.
250mV when VIN_PRT_RESO = 0, and VIN_PRT_SEL = 1
125mV when VIN_PRT_RESO = 1, and VIN_PRT_SEL = 0 or 1
5:0
RESERVED
Always set to 6b
’00 1000.
OCW_SC_REF (C5h)
The OCW_SC_REF command sets the OCWREF and SCREF voltage levels for slave devices.
Command
OCW_SC_REF
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
X
X
X
X
SCREF
OCWREF
Bits
Bit Name
Description
15:12
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
11:6
SCREF
Sets the SCREF voltage level, which selects the short-circuit protection (SCP)
level at 40A, 60A, 80A, 100A, and 120A. 28mV/LSB.
5:0
OCWREF
Sets the OCWREF voltage level. If the CS voltage (VCS) exceeds VOCWREF, D_OC
asserts. 28mV/LSB.
OC_REF (C6h)
The OC_REF command set the OCREF voltage for the slaves.
Command
OC_REF
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
X
X
OCREF
Bits
Bit Name
Description
7:6
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
5:0
OCREF
Sets the OCREF voltage for VCS-based over-current protection (OCP).
28mV/LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com