Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 72 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 72 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 64Page - Monolithic Power Systems MP5990 Datasheet HTML 65Page - Monolithic Power Systems MP5990 Datasheet HTML 66Page - Monolithic Power Systems MP5990 Datasheet HTML 67Page - Monolithic Power Systems MP5990 Datasheet HTML 68Page - Monolithic Power Systems MP5990 Datasheet HTML 69Page - Monolithic Power Systems MP5990 Datasheet HTML 70Page - Monolithic Power Systems MP5990 Datasheet HTML 71Page - Monolithic Power Systems MP5990 Datasheet HTML 72Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 72 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
Notice: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third-party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP5990 Rev. 1.1
MonolithicPower.com
72
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
REVISION HISTORY
Revision #
Revision Date
Description
Pages Updated
1.0
5/18/2022
Initial Release
-
1.1
4/19/2024
Updated Figure 5: Changed SS voltage from
“250mV” to
“340mV”
21
Updated the PMBus/I2C Transmission Structure section:
Added description of the register and ALT# pin behavior
if the PEC is incorrect
31
Updated
IOUT_CAL_OFFSET (39h) format to t
wo’s
complement
38
Updated STATUS_CML (7Eh), bit[5]: Changed
“If the
PEC byte sent to the controller during
…” to “If the PEC
byte sent to the MP5990 during...
”
47
•
Updated READ_VOUT (8Bh) to Linear11 format
•
Updated READ_TEMPERATURE (8Dh) to direct
format
49
•
Updated REV_CONST (9Bh) to unsigned binary
format
•
Updated READ_VIN_PEAK (A1h) to Linear11 format
51
Updated READ_IOUT_PEAK (A6h) to Linear11 format
52
Updated READ_TEMP_PEAK (AFh) to direct format
53
Added to ON_HICCUP_DLY (C7h), bits[8:0]:
“Do not set
the hiccup delay time to 0ms, regardless of whether
latch-off mode or hiccup mode is selected.
”
56
Updated CFG_EXT (F5h) description from
“MP5900” to
“MP5990”
63
Updated CLEAR_MTP_FAULT (FEh): Changed
“The
CLEAR_NVM_FAULT
command...
”
to
“The
CLEAR_MTP_FAULT command
…”
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com