Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 60 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 60 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 56Page - Monolithic Power Systems MP5990 Datasheet HTML 57Page - Monolithic Power Systems MP5990 Datasheet HTML 58Page - Monolithic Power Systems MP5990 Datasheet HTML 59Page - Monolithic Power Systems MP5990 Datasheet HTML 60Page - Monolithic Power Systems MP5990 Datasheet HTML 61Page - Monolithic Power Systems MP5990 Datasheet HTML 62Page - Monolithic Power Systems MP5990 Datasheet HTML 63Page - Monolithic Power Systems MP5990 Datasheet HTML 64Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
60
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
6:4
VIN_OVP_HYS
Sets the VIN over-voltage protection (OVP) hysteresis.
3
’b000: 7LSB
3
’b001: 6LSB
3
’b010: 5LSB
3
’b011: 4LSB
3
’b100: 3LSB
3
’b101: 2LSB
3
’b110: 1LSB
3
’b111: 0LSB
The VIN OV falling threshold is configured via VIN_OV_FAULT_LIMIT (55h),
calculated with the following equation:
VIN OV falling threshold = (VIN_OV_FAULT_LIMIT - VIN_OVP_HYS) x Resolution
Where Resolution is determined by C4h, bit[6] and E7h, bit[7].
500mV/LSB when C4h, bit[6] = 0 and E7h, bit[7] = 0; supports up to 64V
250mV/LSB when C4h, bit[6] = 0 and E7h, bit[7] = 1; supports up to 32V
125mV/LSB when C4h, bit[6] = 1; supports up to 16V
3:0
RESERVED
Always returns 0.
PRT_DELAY (E8h)
The PRT_DELAY is used to set the delay time of slave fault (GOK) and total OCP fault.
Command
PRT_DELAY
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
X
X
X
X
X
X
X
X
OCP_DELAY
Bits
Bit Name
Description
15:12
RESERVED
Always set to 5.
11:8
SLAVE_GOK_
FAULT_DELAY
Sets the slave GOK fault detection delay time.
1μs/LSB with a maximum of 15μs.
7:4
RESERVED
Always set to 5.
3:0
OCP_DELAY
Sets the over-current protection (OCP) delay. The resolution can be configured
via F5h, bit[4] .
500μs/LSB when F5h, bit[4] = 0, up to 7.5ms
100μs/LSB when F5h, bit[4] = 1, up to 1.5ms
SMBALERT_MASK (E9h)
The SMBALERT_MASK command masks the faults and warnings to assert ALT#.
Command
SMBALERT_MASK
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
Bits
Bit Name
Description
15
INVALID_CMD
1
’b0: No mask
1
’b1: If an PMBus invalid command is received, ALT# does not assert
14
INVALID_DATA
1
’b0: No mask
1
’b1: If invalid PMBus data is received, ALT# does not assert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com