Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 33 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 33 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 29Page - Monolithic Power Systems MP5990 Datasheet HTML 30Page - Monolithic Power Systems MP5990 Datasheet HTML 31Page - Monolithic Power Systems MP5990 Datasheet HTML 32Page - Monolithic Power Systems MP5990 Datasheet HTML 33Page - Monolithic Power Systems MP5990 Datasheet HTML 34Page - Monolithic Power Systems MP5990 Datasheet HTML 35Page - Monolithic Power Systems MP5990 Datasheet HTML 36Page - Monolithic Power Systems MP5990 Datasheet HTML 37Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
33
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
SUPPORTED PMBUS COMMAND LIST
Command Name
Code
Type
Bytes
Default Value for the 4-Digit
“-0000” Code
OPERATION
01h
R/W
1
80h
CLEAR_FAULT
03h
Send byte
0
-
CLEAR_LAST_FAULT
08h
Send byte
0
-
LAST_FAULT_RESTORE
0Ch
Send byte
0
-
POWER_CYCLE
0Fh
Send byte
0
-
WRITE_PROTECTION
10h
R/W
1
00h
STORE_ALL
15h
Send byte
0
-
RESTORE_ALL
16h
Send byte
0
-
CAPABILITY
19h
R
1
D0h
VOUT_SCALE_LOOP
29h
R/W
2
0140h
VIN_ON
35h
R/W
2
0023h
VIN_OFF
36h
R/W
2
0020h
IOUT_CAL_GAIN
38h
R/W
2
0280h
IOUT_CAL_OFFSET
39h
R/W
2
0000h
IOUT_OC_FAULT_LIMIT
46h
R/W
2
0037h
IOUT_OC_WARN_LIMIT
4Ah
R/W
2
0034h
IOUT_GAIN_PHASE
4Dh
R/W
2
0002h
OT_FAULT_LIMIT
4Fh
R/W
2
007Dh
OT_WARN_LIMIT
51h
R/W
2
006Eh
VIN_OV_FAULT_LIMIT
55h
R/W
2
0048h
VIN_OV_WARN_LIMIT
57h
R/W
2
0044h
VIN_UV_WARN_LIMIT
58h
R/W
2
0022h
POWER_GOOD_ON
5Eh
R/W
2
0080h
POWER_GOOD_OFF
5Fh
R/W
2
0070h
TON_DELAY
60h
R/W
2
0064h
TOFF_DELAY
64h
R/W
2
0000h
OP_WARN_LIMIT
6Ah
R/W
2
00A1h
STATUS_BYTE
78h
R
1
0
STATUS_WORD
79h
R
2
0
STATUS_IOUT
7Bh
R
1
0
STATUS_INPUT
7Ch
R
1
0
STATUS_TEMPERATURE
7Dh
R
1
0
STATUS_CML
7Eh
R
1
0
REV_ID
80h
R
1
0
READ_EIN
86h
R
6
0
READ_VIN
88h
R
2
0
READ_VOUT
8Bh
R
2
0
READ_IOUT
8Ch
R
2
0
READ_TEMPERATURE
8Dh
R
2
0
READ_POUT
96h
R
2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com