Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5990 Datasheet HTML 1Page - Monolithic Power Systems MP5990 Datasheet HTML 2Page - Monolithic Power Systems MP5990 Datasheet HTML 3Page - Monolithic Power Systems MP5990 Datasheet HTML 4Page - Monolithic Power Systems MP5990 Datasheet HTML 5Page - Monolithic Power Systems MP5990 Datasheet HTML 6Page - Monolithic Power Systems MP5990 Datasheet HTML 7Page - Monolithic Power Systems MP5990 Datasheet HTML 8Page - Monolithic Power Systems MP5990 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
4
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MP5990GMA-xxxx**
LGA-45 (5mmx7mm)
See Below
3
* For Tape & Reel, add suffix -Z (e.g. MP5990GMA-xxxx-Z).
**
“xxxx” is the configuration code identifier for the register settings stored in the NVM. Each “x” can be a
hexadecimal value between 0 & F. Contact an MPS FAE to create this unique number.
“-0000” is the universal
configuration code with default values.
TOP MARKING
MPS: MPS prefix
YY: Year code
WW: Week code
MP5990: Part number
LLLLLLL: Lot number
PACKAGE REFERENCE
TOP VIEW
VIN
43
GND
44
VDD33
45
VIN
VIN
VIN
VIN
VIN
VIN
VIN
VIN
VINSEN
ALT#
SCL
SDA
PG/OCW#
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
EN
SCREF_OCWREF
VOSEN
ADDR
OCREF
1
2
3
4
5
6
7
8
9
10
11
12
13
22
23
24
25
26
27
28
29
30
31
32
33
34
LGA-45 (5mmx7mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com