Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5990 Datasheet HTML 1Page - Monolithic Power Systems MP5990 Datasheet HTML 2Page - Monolithic Power Systems MP5990 Datasheet HTML 3Page - Monolithic Power Systems MP5990 Datasheet HTML 4Page - Monolithic Power Systems MP5990 Datasheet HTML 5Page - Monolithic Power Systems MP5990 Datasheet HTML 6Page - Monolithic Power Systems MP5990 Datasheet HTML 7Page - Monolithic Power Systems MP5990 Datasheet HTML 8Page - Monolithic Power Systems MP5990 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
5
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
I/O
Description
1, 2, 3, 4,
5, 6, 7, 8,
42, 43
VIN
A [I]
System input power supply. The VIN pin is connected to the drain of the
integrated power MOSFET.
9
VINSEN
A [I]
Input voltage (VIN) sensing. The VINSEN pin reads back VIN through the
internal analog-to-digital converter (ADC). Connect VINSEN to the VIN rail via
a resistor divider.
10
ALT#
D [O]
PMBus alert signal.
11
SCL
D [I]
PMBus clock signal.
12
SDA
D [I/O] PMBus data signal.
13
PG/OCW#
D [O]
Multi-function pin. The PG/OCW# pin can be configured for power good (PG)
or over-current warning (OCW) indication via register C7h, bit[13]. When this
pin is set to PG, this pin is the open-drain PG indicator. If the SS pin
’s voltage
exceeds 340mV and VOUT exceeds the PG setting threshold, PG asserts high.
When this pin is set to OCW#, it acts as an open-drain OCW indicator. If the
sensed IOUT exceeds the OCW threshold, this pin asserts low.
14
VIN_UVW#
D [O]
Input under-voltage warning (UVW) open-drain indicator. If VIN drops below
its configured UVW threshold, the VIN_UVW# pin asserts low.
15
VTEMP
A [I]
Junction temperature (TJ) sense. Connect all the VTEMP pins of the e-fuse
slaves to the MP5990
’s VTEMP pin. Place a minimum 10kΩ resistor and a
maximum 1nF capacitor in parallel from VTEMP to AGND. The MP5990
senses the voltage on the VTEMP pin and reports the maximum TJ of all Intelli-
Fuse phases.
16
SS
A [O]
Soft-start time (tSS) setting. tSS is set by an external capacitor connected to
the SS pin. The internal circuitry controls the VOUT slew rate during start-up.
17, 45
VDD33
Power
Internal 3.3V LDO output. Place a 1µF decoupling capacitor close to the
VDD33 and GND pins.
18, 44
GND
A
Ground.
19
VDD18
Power
1.8V LDO output. The VDD18 pin provides the power supply for the internal
digital circuit. Connect a 1µF bypass capacitor from VDD18 to AGND.
20
CS
A [O]
Current-sense output. The CS pin
’s voltage (VCS) is compared to VOCREF to
determine the Intelli-Fuse over-current (OC) limit. VCS can assert the D_OC pin
when it is compared to the OCWREF pin
’s voltage (VOCWREF). Connect a
resistor from the CS pin to GND to generate VCS.
21
IMON
A [I/O]
Current monitor output. The IMON pin
’s output current (IOUT) is proportional
to the current flowing through the device. Place a resistor and a 2.2nF to
100nF capacitor in parallel from IMON to AGND. The MP5990 senses the
voltage on IMON and converts the voltage into the total IOUT report.
22
OCREF
A [O]
OC limit reference. VOCREF is the digital-to-analog converter (DAC) output of
the internal OC limit reference. The MP5990 compares VOCREF and VCS to
determine the Intelli-Fuse OC limit.
23
ADDR
A [I]
PMBus address 4 LSB setting. Connect a resistor divider from the VDD18 to
AGND pin to set the 4LSB of the PMBus address based on the ADDR pin
’s
voltage.
24
VOSEN
A [I]
Output voltage (VOUT) sensing. The VOSEN pin reads back VOUT through the
internal ADC. Connect VOSEN to the rail output via a resistor divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com