Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 45 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 45 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 41Page - Monolithic Power Systems MP5990 Datasheet HTML 42Page - Monolithic Power Systems MP5990 Datasheet HTML 43Page - Monolithic Power Systems MP5990 Datasheet HTML 44Page - Monolithic Power Systems MP5990 Datasheet HTML 45Page - Monolithic Power Systems MP5990 Datasheet HTML 46Page - Monolithic Power Systems MP5990 Datasheet HTML 47Page - Monolithic Power Systems MP5990 Datasheet HTML 48Page - Monolithic Power Systems MP5990 Datasheet HTML 49Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
45
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
STATUS_IOUT (7Bh)
The STATUS_IOUT command returns 1 data byte with the detailed IOUT fault and warning status.
Command
STATUS_IOUT
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
Function
X
X
X
X
X
Bits
Bit Name
Description
7
IOUT_OC_FAULT
Indicates whether an IOUT over-current (OC) fault has occurred. If VIMON-based
total OCP occurs, this bit is set and latched. Send a CLEAR_FAULTS (03h)
command to reset this bit.
1’b0: No IOUT OC fault has occurred
1’b1: An IOUT OC fault has occurred
6
RESERVED
Unused. X indicates writes are ignored and reads are always 0.
5
IOUT_OC_WARNING
Indicates whether an IOUT over-current (OC) warning has occurred. If VIMON-based
total OC warning occurs, this bit is set and latched. Send a CLEAR_FAULTS
(03h) command to reset this bit.
1’b0: No IOUT OC warning has occurred
1’b1: An IOUT OC warning has occurred
4:1
RESERVED
Unused. X indicates writes are ignored and reads are always 0.
0
POUT_OP_WARN
Indicates whether an output over-power (OP) warning has occurred. If an output
OP warning occurs, this bit is set and latched. Send a CLEAR_FAULTS (03h)
command to reset this bit.
1’b0: No output OP warning has occurred
1’b1: An output OP warning has occurred
STATUS_INPUT (7Ch)
The STATUS_INPUT command returns 1 data byte with input fault or warning messages.
Command
STATUS_INPUT
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
Function
X
X
X
Bits
Bit Name
Description
7
VIN_OV_FAULT
Indicates whether a VIN over-voltage (OV) fault has occurred. If VIN exceeds the
value set by VIN_OV_FAULT_LIMIT (55h), this bit is set and latched. Send a
CLEAR_FAULTS (03h) command to reset this bit.
1’b0: No VIN OV fault has occurred
1’b1: A VIN OV fault has occurred
6
VIN_OV_WARNING
Indicates whether a VIN over-voltage (OV) warning has occurred. If VIN exceeds
the value set by VIN_OV_WARN_LIMIT (57h), this bit is set and latched. Send a
CLEAR_FAULTS (03h) command to reset this bit.
1’b0: No VIN OV warning has occurred
1’b1: A VIN OV warning has occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com