Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 49 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 49 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 45Page - Monolithic Power Systems MP5990 Datasheet HTML 46Page - Monolithic Power Systems MP5990 Datasheet HTML 47Page - Monolithic Power Systems MP5990 Datasheet HTML 48Page - Monolithic Power Systems MP5990 Datasheet HTML 49Page - Monolithic Power Systems MP5990 Datasheet HTML 50Page - Monolithic Power Systems MP5990 Datasheet HTML 51Page - Monolithic Power Systems MP5990 Datasheet HTML 52Page - Monolithic Power Systems MP5990 Datasheet HTML 53Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
49
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
READ_VOUT (8Bh)
The READ_VOUT command returns the sensed VOUT.
Command
READ_VOUT
Format
Linear11
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Function
READ_VOUT
Bits
Bit Name
Description
15:0
READ_VOUT
These bits are configured by register C4h, bit[9] to select linear mode or direct
mode.
In linear mode, bits[15:11] ar
e the signed two’s complement value for the
exponent (bits[15:11] = N), while bits[10:0] are the signed two’s complement
mantissa (bits[10:0] = Y). The reported VOUT can be calculated with the following
equation:
Reported VOUT = Y x 2 ^ N
In direct mode, bits[15:11] are always 0000, while bits[10:0] are the actual
calculated bits. 31.25mV/LSB.
READ_IOUT (8Ch)
The READ_IOUT command returns the measured IOUT.
Command
READ_IOUT
Format
Linear11
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Function
READ_IOUT
Bits
Bit Name
Description
15:0
READ_IOUT
These bits are configured by register C4h, bit[9] to select linear mode or direct
mode.
In linear mode, bits[15
:11] are the signed two’s complement value for the
exponent (bi
ts[15:11] = N), while bits[10:0] are the signed two’s complement
mantissa (bits[10:0] = Y). The reported IOUT can be calculated with the following
equation:
Reported IOUT = Y x 2 ^ N
In direct mode, bits[15:14] are always 0000, while bits[13:0] are the actual
calculated bits. 62.5mA/LSB.
READ_TEMPERATURE (8Dh)
The READ_TEMPERATURE command returns the measured temperature.
Command
READ_TEMPERATURE
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Function
X
X
X
X
X
X
X
X
READ_TEMPERATURE
Bits
Bit Name
Description
15:8
RESERVED
Unused. X indicates writes are ignored and reads are always 0.
7:0
READ_TEMPERATURE
Returns the temperature sensed on the VTEMP pin. 1°C/LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com