Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 63 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 63 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 59Page - Monolithic Power Systems MP5990 Datasheet HTML 60Page - Monolithic Power Systems MP5990 Datasheet HTML 61Page - Monolithic Power Systems MP5990 Datasheet HTML 62Page - Monolithic Power Systems MP5990 Datasheet HTML 63Page - Monolithic Power Systems MP5990 Datasheet HTML 64Page - Monolithic Power Systems MP5990 Datasheet HTML 65Page - Monolithic Power Systems MP5990 Datasheet HTML 66Page - Monolithic Power Systems MP5990 Datasheet HTML 67Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
63
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
4:0
GATECLK_CFG
Configures the gate clock function. Enable this function to reduce
the controller’s
power loss.
Bit[4] is reserved and always set to 0.
Bit[3] enables NVM operation.
1
’b0: Disabled. The gate clock for NVM operation always works
1
’b1: Enabled. The gate clock only works after sending 15h and 16h commands
Bit[2] enables register writing.
1
’b0: Disabled. The gate clock of the write command always works
1
’b1: Enabled. The gate clock only works when sending a write command
Bit[1] is reserved and always set to 0.
Bit[0] enables PMBus communication.
1
’b0: Disabled
1
’b1: Enabled
RETRY_TIMES (F4h)
The RETRY_TIMES command sets the protection mode, including latch-off, retry, hiccup mode. If a
new protection mode is selected, it must be activated by cycling the VIN, VDD33, or EN signal.
Command
RETRY_TIMES
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
OTP_RETRY_TIMES
X
X
X
X
OCP_RETRY_TIMES
Bits
Bit Name
Description
15:12
OTP_RETRY_TIMES
Sets the VTEMP-based over-temperature protection (OTP) mode.
4
’b0000: Latch-off mode
4
’b0001~4’h1110: Retry mode. The retry times are set by bits bits[15:12]
4
’b1111: Hiccup mode
11:8
RESERVED
Always set to 0.
7:4
SLAVE_GOK_
FAULT_RETRY_TIMES
Set slave faults (GOK) protection mode.
4
’b0000: Latch-off mode
4
’b0001~4’h1110: retry mode, and retry times is the value of bits[7:4]
4
’b1111: Hiccup mode
3:0
OCP_RETRY_TIMES
Sets the total over-current protection (OCP) mode.
4
’b0000: Latch-off mode
4
’b0001~4’h1110: retry mode, and retry times is the value of bits[3:0]
4
’b1111: Hiccup mode
CFG_EXT (F5h)
The CFG_EXT command configures the MP5990
’s extended functions.
Command
CFG_EXT
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
X
X
X
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com