Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 5Page - Monolithic Power Systems MP5990 Datasheet HTML 6Page - Monolithic Power Systems MP5990 Datasheet HTML 7Page - Monolithic Power Systems MP5990 Datasheet HTML 8Page - Monolithic Power Systems MP5990 Datasheet HTML 9Page - Monolithic Power Systems MP5990 Datasheet HTML 10Page - Monolithic Power Systems MP5990 Datasheet HTML 11Page - Monolithic Power Systems MP5990 Datasheet HTML 12Page - Monolithic Power Systems MP5990 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
9
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, EN = high, RCS = 2kΩ, RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
ON
ON output low voltage
VOLON
0.6
V
ON output high voltage
VOHON
2
V
ON output at no power
VONINI
VDD33 < UVLO threshold, EN = 0,
sink current =
100μA
0.6
V
FET on insertion delay time
tDLY_ON
VIN and VDD33 > UVLO threshold
0.8
1.3
1.8
ms
ON blanking time
tONBLANK
ON reset from fault status, high
level trig mode
0.7
1
1.5
ms
Analog-to-Digital Converter (ADC)
Voltage range (6)
FSADC
0 to
1.6
V
Reference voltage
-0.5%
1.6
+0.5%
V
ADC resolution (6)
10
bits
DNL(6)
1
LSB
INL (6)
1
LSB
Sample rate (6)
780
kHz
Current Monitor Output (IMON)
IMON sense gain
IOUT > 4A
9.9
10
10.1
μA/A
IMON sense offset
IOUT > 4A
-1
+1
μA
Current-Sense (CS) Output for Over-Current Protection (OCP)
CS gain
ICS / IOUT
IOUT > 4A
9.6
10
10.4
μA/A
CS gain offset
IOUT > 4A
-1
+1
μA
Over-Current Limit Reference (OCREF)
OCREF internal max
current limit clamp
VOCREF̲_CLAMP
VBE at VOUT < 80% of VIN, TJ = 25°C
570
635
699
mV
VBE at VOUT < 80% of VIN,
TJ = 125°C (6)
370
440
570
mV
VOUT
≥ 80% of VIN
1.9
2
2.1
V
OCREF over-current (OC)
regulation timer
tOC_REG
VOUT
≥ 90% of VIN, VOCREF ≥ 0.3V
220
μs
OCREF DAC operating
range (6)
FSDACOCREF
0 to
1.8
V
DAC reference
VOCREFREF
1.74
1.76
1.78
V
Resolution (6)
Resolution
6
bit
∆DAC_OCREF
28
mV
OCREF DAC buffer sink
ability
∆OCREF_SI
ISINK = 200
μA, VOCREF = 0.31V
6
%
ISINK = 200
μA , VOCREF = 1.76V
1
%
OCREF DAC buffer source
ability
∆OCREF_SO
ISOURCE = 200
μA, VOCREF = 0.31V
-4
%
ISOURCE = 200
μA, VOCREF = 1.76V
-1
%
Short Circuit Current Limit Reference (SCREF)
SCREF voltage range for
short-circuit current limit
VSCLIMIT
SC limit = 40A
0
0.16
V
SC limit = 60A
0.24
0.3
0.36
V
SC limit = 80A
0.48
0.6
0.72
V
SC limit = 120A
0.96
1.2
1.44
V
SC limit = 100A
1.68
V
Short-circuit current limit
accuracy (6)
ILIMITSC
VSCREF > 1.68V
100
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com