Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 67 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 67 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 63Page - Monolithic Power Systems MP5990 Datasheet HTML 64Page - Monolithic Power Systems MP5990 Datasheet HTML 65Page - Monolithic Power Systems MP5990 Datasheet HTML 66Page - Monolithic Power Systems MP5990 Datasheet HTML 67Page - Monolithic Power Systems MP5990 Datasheet HTML 68Page - Monolithic Power Systems MP5990 Datasheet HTML 69Page - Monolithic Power Systems MP5990 Datasheet HTML 70Page - Monolithic Power Systems MP5990 Datasheet HTML 71Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
67
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
12
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
11
OTP_CONTROLLER_
FAULT
Indicates whether the controller experiences an over-temperature (OT) fault.
Once the controller’s temperature exceeds its OT threshold, this bit is set.
1’b0: No controller OT fault has occurred
1’b1: A controller OT fault has occurred
10
MAX_SS_FAULT
Indicates whether the slave experiences a maximum SS fault. If the SS pin is still
low when the maximum soft start time ends, this bit is set.
1’b0: No maximum SS fault has occurred
1’b1: A maximum SS fault has occurred
9
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
8
VIN_OV_FAULT
VIN over-voltage (OV) fault indicator. If the sensed VIN exceeds the VIN OV fault
limit, this bit is set.
1’b0: No VIN OV fault has occurred
1’b1: A VIN OV fault has occurred
7
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
6
SLAVE_GOK_FAULT
Indicates whether a slave GOK fault has occurred. If a slave has faults, GOK
pulls low and this bit is set.
1’b0: No slave faults have occurred
1’b1: A slave fault has occurred
5
IOUT_OC_FAULT
Indicates whether an IOUT over-current (OC) fault has occurred. If IOUT OCP
occurs, this bit is set and latched. Send a CLEAR_FAULTS (03h) command to
reset this bit.
1’b0: No IOUT OC fault has occurred
1’b1: An IOUT OC fault has occurred
4
VIN_UVLO_FAULT
Indicates whether a VIN under-voltage (UV) fault has occurred. C4h, bit[7] selects
whether to report this fault. If the sensed VIN falls below the VIN falling threshold
after EN pulls high, this bit is set.
1’b0: No VIN UV fault has occurred
1’b1: A VIN UV fault has occurred
3
OT_SENSED_FAULT
Indicates whether an over-temperature (OT) fault has occurred. If the
temperature
sensed
via
VTEMP
exceeds
the
OT
fault
limit
set
by
OT_FAULT_LIMIT (4Fh), this bit is set.
1’b0: No sensed OT fault has occurred
1’b1: A sensed OT fault has occurred
2:0
FAULT_TYPE
FAULT_TYPE has six types:
3’b00x: No fault
3’b010: GOK fault
3’b011: FET DS/GS short fault
3’b100: Over-temperature fault (145°C limit) or OV fault (18.5V OV limit)
3’b101: VCS based on OC fault
3’b110: Short-circuit fault
CLEAR_MTP_FAULT (FEh)
The CLEAR_MTP_FAULT command clears the NVM fault. The NVM fault contains the signature fault
and CRC fault. When restoring information from the NVM, there may be an NVM signature fault or a
CRC fault. If this command is sent, the device ignores any faults and the system operates normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com