Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 44 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 44 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 40Page - Monolithic Power Systems MP5990 Datasheet HTML 41Page - Monolithic Power Systems MP5990 Datasheet HTML 42Page - Monolithic Power Systems MP5990 Datasheet HTML 43Page - Monolithic Power Systems MP5990 Datasheet HTML 44Page - Monolithic Power Systems MP5990 Datasheet HTML 45Page - Monolithic Power Systems MP5990 Datasheet HTML 46Page - Monolithic Power Systems MP5990 Datasheet HTML 47Page - Monolithic Power Systems MP5990 Datasheet HTML 48Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
44
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
11
PG
Indicates the power good (PG status).
1
’b0: PG is high
1
’b1: PG is low
10
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
9
SLAVE_FAULT
Indicates whether a slave fault has occurred. If an e-fuse slave has a fault or the
fault from Table 2 on page 26 occurs, GOK is pulled low and this bit is set and
latched. Send a CLEAR_FAULTS (03h) command to reset this bit.
1
’b0: No slave faults have occurred
1
’b1: Slave faults have occurred
8
WATCH_DOG
Indicates whether the watchdog timer from the monitor block has overflowed.
The monitor value calculation has a watchdog timer. If the timer overflows, the
monitor value calculation state machine and the timer are reset. Meanwhile, this
bit is set and latched. Send a CLEAR_FAULTS (03h) command to reset this bit.
1
’b0: The watchdog timer has not overflowed
1
’b1: The watchdog timer has overflowed
7
NVM_BUSY
Indicates whether the NVM is busy.
1’b0: NVM access is idle
1’b1: The NVM is busy. The NVM cannot be accessed and PMBus writes are
ignored
6
OFF
Indicates whether the output is off. VOUT may be off due to a protection, EN
going low, or a command.
1’b0: VOUT is on
1’b1: VOUT is off
5
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
4
IOUT_OC_FAULT
Indicates whether an IOUT over-current (OC) fault has occurred. If VIMON-based
total OCP occurs, this bit is set and latched. Send a CLEAR_FAULTS (03h)
command to reset this bit.
1’b0: No IOUT OC fault has occurred
1’b1: An IOUT OC fault has occurred
3
VIN_UV_FAULT
Indicates whether a VIN under-voltage (UV) fault has occurred. If a VIN UV fault
occurs, this bit is set and latched. Send a CLEAR_FAULTS (03h) command to
reset this bit.
1’b0: No VIN UV fault has occurred
1’b1: A VIN UV fault has occurred
2
TEMPERATURE
Indicates whether an over-temperature (OT) fault or warning has occurred. If a
VTEMP-based OT fault or warning has occurred, this bit is set and latched. Send a
CLEAR_FAULTS (03h) command to reset this bit.
1’b0: No OT fault or warning has occurred
1’b1: An OT fault or warning has occurred
1
CML
Indicates whether a PMBus communication fault has occurred. If a PMBus
communication related fault occurs, this bit is set and latched. Send a
CLEAR_FAULTS (03h) command to reset this bit.
1’b0: No CML fault has occurred
1’b1: A CML fault has occurred
0
MAX_SS_FAULT
Indicates whether the slave experiences a maximum SS fault. If VSS is below
340mV when the maximum soft start time ends, this bit is set.
1’b0: No maximum SS fault has occurred
1’b1: A maximum SS fault has occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com