Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 7Page - Monolithic Power Systems MP5990 Datasheet HTML 8Page - Monolithic Power Systems MP5990 Datasheet HTML 9Page - Monolithic Power Systems MP5990 Datasheet HTML 10Page - Monolithic Power Systems MP5990 Datasheet HTML 11Page - Monolithic Power Systems MP5990 Datasheet HTML 12Page - Monolithic Power Systems MP5990 Datasheet HTML 13Page - Monolithic Power Systems MP5990 Datasheet HTML 14Page - Monolithic Power Systems MP5990 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
11
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, EN = high, RCS = 2kΩ, RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Fault Type Indication Output (FLT_TYPE) Total 6 Types
FLT_TYPE voltage during
SCP (6)
VFLT_TYPESC
Short-circuit fault
1.5
V
FLT_TYPE voltage during
OCP
VFLT_TYPEOC
OC fault during normal
operation and soft start
1.16
1.2
1.24
V
FLT_TYPE voltage during
OTP and VIN OVP
VFLT_TYPEOT
Ove-temperature (OT) fault,
VIN over-voltage (OV) fault
0.865
0.9
0.935
V
FLT_TYPE voltage during
FET GS and DS short
VFLT_TYPEDSS
FET DS and GS short event
0.57
0.6
0.63
V
FLT_TYPE voltage during
GOK fault
VFLT_TYPEGSS
GOK fault event
0.275
0.3
0.325
V
FLT_TYPE voltage at other
faults
VFLT_TYPEOTHER
0.08
0.1
0.12
V
MODE
MODE source current
IMODE
9
10
11
μA
MODE voltage setting
window
VMODE
RMODE =
120kΩ
0.96
1.2
1.44
V
VTEMP
VTEMP sense gain (6)
8.7
mV/°C
VTEMP sense output (6)
TJ = 25°C
370
mV
Thermal Shutdown
OT threshold (6)
TJ_OTP
145
°C
PMBus Timing Characteristics (1MHz) (6) (7)
Operating frequency range
10
1000
kHz
Bus free time
Between a stop and start
condition
0.5
μs
Hold time
0.26
μs
Repeated start condition
set-up time
0.26
μs
Stop condition setup time
0.26
μs
Data hold time
0
ns
Data set-up time
50
ns
Clock low timeout
25
35
ms
Clock low period
0.5
μs
Clock high period
0.26
50
μs
Clock/data falling time
120
ns
Clock/data rising time
120
ns
Note:
6) Guaranteed by design or characterization data. Not tested in production.
7) The device supports 100kHz, 400kHz, and 1MHz bus speeds. The PMBus timing parameters in this table are for operation at 1MHz. If the
PMBus operating frequency is 100kHz or 400kHz, refer to the SMBus specifications for timing parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com