Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 4Page - Monolithic Power Systems MP5990 Datasheet HTML 5Page - Monolithic Power Systems MP5990 Datasheet HTML 6Page - Monolithic Power Systems MP5990 Datasheet HTML 7Page - Monolithic Power Systems MP5990 Datasheet HTML 8Page - Monolithic Power Systems MP5990 Datasheet HTML 9Page - Monolithic Power Systems MP5990 Datasheet HTML 10Page - Monolithic Power Systems MP5990 Datasheet HTML 11Page - Monolithic Power Systems MP5990 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
8
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, EN = high, RCS = 2kΩ, RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Quiescent current
IQIN
EN is low, low-power mode
1.2
2.5
mA
EN is low, regular power mode
11
22.5
mA
Both EN and ON are high, no
load
11.2
22.7
mA
Fault latch off
11
22.4
mA
VDD33 Regulator and Under-Voltage Lockout (UVLO)
VDD33 regulator output
voltage
VDD33
IVDD33 = 0mA
3.22
3.32
3.42
V
VDD33 regulator load
capability
∆VDD33
IVDD33 = 25mA
2
%
IVDD33 = 40mA
3.5
%
VDD33 UVLO rising
threshold
VDD33VTH
2.55
2.7
2.85
V
VDD33 UVLO falling
threshold
VDD33VTL
2.15
2.3
2.45
V
VDD33 UVLO hysteresis
VDD33HYS
400
mV
VDD18 Regulator
1.8V regulator output voltage
1.78
1.8
1.82
V
1.8V regulator load
capability
∆VDD18
IVDD18 = 30mA
2
%
VIN Under-Voltage Protection (UVP) and Over-Voltage Protection (OVP)
VIN analog UVLO rising
threshold
VIN_VTHR_ANA
Disable digital VIN UVLO (C4h,
bit[7] = 0)
3.05
3.2
3.35
V
VIN analog UVLO falling
threshold
VIN_VTHF_ANA
2.55
2.7
2.95
V
VIN digital on/off threshold
configurable range (6)
VIN_ON_OFF_DGTL
Set by 35h, bits[6:0] and 36h,
bits[6:0]
0 to
63.5
V
VIN analog OVP threshold
VIN_OVP_ANA
Set the digital OVP threshold to
20V via 55h, bits[6:0]
17
18.5
20
V
VIN analog OVP hysteresis
VIN_OVP_ANA_HYS
Auto-retry mode, set the digital
OVP threshold to 20V via 55h,
bits[6:0]
1.2
V
VIN digital OV configurable
range (6)
VIN_OVP_DGTL
Set by 55h, bits[6:0]
0 to
63.5
V
Enable (EN)
EN rising threshold
VEN_ON
1.2
V
EN falling threshold
VEN_OFF
0.83
V
EN high leakage
IIH(EN)
EN = 3.3V
3.6
μA
Enable delay
tDLY_LP
Low-power mode, EN high to
ON high, TON_DELAY = 0
130
μs
tDLY_RP
Regular power mode, EN high
to ON high, TON_DELAY = 0
0.5
10
μs
Power MOSFET
On resistance
RDS(ON)
TJ = 25°C, IFET = 2A
1
1.25
mΩ
TJ = 125°C, IFET = 2A (6)
1.35
1.7
Off-state leakage current
IOFF
VIN = 16V, power MOSFET off
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com