Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 6Page - Monolithic Power Systems MP5990 Datasheet HTML 7Page - Monolithic Power Systems MP5990 Datasheet HTML 8Page - Monolithic Power Systems MP5990 Datasheet HTML 9Page - Monolithic Power Systems MP5990 Datasheet HTML 10Page - Monolithic Power Systems MP5990 Datasheet HTML 11Page - Monolithic Power Systems MP5990 Datasheet HTML 12Page - Monolithic Power Systems MP5990 Datasheet HTML 13Page - Monolithic Power Systems MP5990 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
10
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, EN = high, RCS = 2kΩ, RIMON = 2kΩ, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Short-circuit protection
response time (6)
tSC
200
ns
Short-circuit start-up
protection timer
tSC_TIMER
VOUT < 1/8 of VIN, MOSFET
current is regulated by VBE
2.1
3.2
ms
SCREF DAC voltage range (6)
FSDAC SCREF
0 to
1.8
V
SCREF DAC reference
VSCREF REF
1.74
1.76
1.78
V
Resolution (6)
Resolution
6
bits
∆DAC OCREF
28
mV
SCREF DAC buffer sink
ability
∆SCREF_SI
ISINK = 200
μA, VSCREF = 0.31V
6
%
ISINK = 200
μA, VSCREF = 1.76V
1
%
SCREF DAC buffer source
ability
∆SCREF_SO
ISOURCE = 200
μA, VSCREF = 0.31V
-2
%
ISOURCE = 200
μA, VSCREF = 1.76V
-1
%
Soft Start (SS)
SS pull-up current
ISS
VIN = 12V, RSS = 0.8M
Ω
13
15
17
μA
SS pull low voltage
VOL_SS
Sink current = 10mA
0.2
V
SS MOSFET off-state
leakage current
ILKG_SS
ON = 0, VSS = 3.3V
1
μA
SS internal comparator
threshold
VSS TH
Transit from SCREF to
OCWREF
340
mV
GOK Output and Comparator
Output low voltage
VOL_GOK
Sink current = 10mA
0.3
V
GOK off-state leakage current
ILKG_GOK
VGOK = 3.3V
3
μA
GOK internal pull-up resistor
(6)
RGOK_INT
370
k
Ω
GOK comparator low
threshold
VGOK_TH
Fault status
1.05
1.16
1.3
V
GOK comparator hysteresis
VGOK HYS
900
mV
GOK fault delay time
10
15
μs
D_OC Output
Output low voltage
VOL_DOC
Sink current 10mA
0.3
V
D_OC bar off-state leakage
current
ILKG_DOC
VDOC = 3.3V
1
μA
D_OC high to low threshold
VDOC_TH
VOUT
≥ 90% of VIN,
0.3V
≤ VOCWREF ≤ 1.8V,
RMODE = 120k
Ω
95%
100%
105% VOCWREF
OCW Output
OCW low voltage
VOLGOK
Sink current = 10mA
0.3
V
OCW high leakage current
ILGOK
VOCW = 3.3V
1.5
2.3
μA
FET Short Detection
FET drain-to-source short
analog entry threshold
VOUT_DSTH
85%
90%
95%
VIN
FET drain-to-source short
analog recovery threshold
VOUT_FAULTH
65%
70%
75%
VIN
GS short protection delay
time (6)
tGS_ST
VSS > VDD33 - 0.7
200
250
300
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com