Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 35 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 35 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 31Page - Monolithic Power Systems MP5990 Datasheet HTML 32Page - Monolithic Power Systems MP5990 Datasheet HTML 33Page - Monolithic Power Systems MP5990 Datasheet HTML 34Page - Monolithic Power Systems MP5990 Datasheet HTML 35Page - Monolithic Power Systems MP5990 Datasheet HTML 36Page - Monolithic Power Systems MP5990 Datasheet HTML 37Page - Monolithic Power Systems MP5990 Datasheet HTML 38Page - Monolithic Power Systems MP5990 Datasheet HTML 39Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
35
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
REGISTER MAP
OPERATION (01h)
The OPERATION command controls the power MOSFET, which provides another way to control the
hot-swap on/off function via the PMBus. This command can turn the power MOSFET on and off under
host control and re-enable the power MOSFET after a fault-triggered shutdown.
Command
OPERATION
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
X
X
X
X
X
X
X
Bits
Bit Name
Description
7
ON_OFF_STATE
1
’b0: Turn off the power MOSFET
1
’b1: Turn on the power MOSFET
6:0
RESERVED
Always write into 6
’b 00 0000.
CLEAR_FAULT (03h)
The CLEAR_FAULT command clears all the status faults of the read-only STATUS registers
(78h~7Eh). This command is write-only. There is no byte for this command.
CLEAR_LAST_FAULT (08h)
The CLEAR_LAST_FAULT command clears the last fault stored in NVM, and can clear the last faults
stored in FBh (this function is optional). The information stored in FBh is cleared if F5h, bit[6] is set to 1.
This command is write-only. There is no byte for this command.
LAST_FAULT_RESTORE (0Ch)
The LAST_FAULT_RESTORE command restores the latest fault information in the NVM to register
FBh. This command is write-only. There is no byte for this command.
POWER_CYCLE (0Fh)
The POWER_CYCLE command turns the power MOSFET off for approximately 5 seconds. Then the
power MOSFET restarts automatically. This command is write-only. There is no byte for this command.
WRITE_PROTECTION (10h)
The WRITE_PROTECTION command controls writing to the PMBus device. This provides protection
against accidental changes. This command is not intended to provide protection against deliberate
changes to a device
’s configuration or operation. All supported commands can have their parameters
read, regardless of the WRITE_PROTECTION settings.
Command
WRITE_PROTECTION
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
WRITE_PROTECTION
Bits
Bit Name
Description
7:0
WRITE_PROTECTION
8
’b0000 0000: Enable writes to all commands
8
’b01x0 0000: Disable all writes except to the PAGE, OPERATION,
WRITE_PROTECTION
8
’b1000 0000: Disable all writes except to the WRITE_PROTECTION commands
Others: No action. Keep the previous setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com