Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 30 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 30 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 26Page - Monolithic Power Systems MP5990 Datasheet HTML 27Page - Monolithic Power Systems MP5990 Datasheet HTML 28Page - Monolithic Power Systems MP5990 Datasheet HTML 29Page - Monolithic Power Systems MP5990 Datasheet HTML 30Page - Monolithic Power Systems MP5990 Datasheet HTML 31Page - Monolithic Power Systems MP5990 Datasheet HTML 32Page - Monolithic Power Systems MP5990 Datasheet HTML 33Page - Monolithic Power Systems MP5990 Datasheet HTML 34Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
30
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
PMBUS/I2C COMMUNICATION
General Description
The power management bus (PMBus) is an
open-standard power management protocol
that defines a means of communicating with
power conversion and other devices. It is a two-
wire, bidirectional serial interface, consisting of
a data line (SDA) and a clock line (SCL). The
lines are externally pulled to a bus voltage
when they are idle. Connecting to the line, a
master device generates the SCL signal and
device
address,
then
arranges
the
communication sequence. This is based on the
I2C operation principles.
The MP5990 supports 100kHz, 400kHz, and
1MHz bus timing requirements. The timing and
electrical characteristics of the PMBus can be
found in the Electrical Characteristics section
on page 11 or in the PMBus Power System
Management Protocol Specification, part 1,
revision 1.3, available at http://PMBus.org.
PMBus/I2C Address
To support multiple devices using the same
PMBus/I2C interface, the MP5990 provides a
configurable PMBus address via the ADDR pin
or register ADDR_PMBUS (D2h).
The device address is a 7-bit code that ranges
between 0x00 and 0x7F. The 3MSB (most
significant bits) are set by D2h, bits[6:4]. The
4LSB (least significant bits) can be set by either
D2h or the ADDR pin.
The device
’s 4LSB address configuration mode
can be selected by D2h, bit[7]. When bit[7] = 1,
the 4LSB are determined by the lower 4 bits in
D2h. When bit[7] = 0, the ADDR voltage
determines the 4LSB.
The ADDR voltage is configured by the resistor
divider from VDD18 to GND. Figure 19 on page
31 shows the recommended connections for
the pin. Table 3 shows the resistor values for
the different device address.
The address 00h is reserved as the all call
address. Do not set 00h as the MP5990
’s
unique device address.
Table 3: PMBus 4LSB Address Setting from ADDR
PMBus Address
Bits[3:0]
ADDR
Voltage (V)
RTOP
(kΩ)
1%
RBOT
(kΩ)
1%
0h
0
-
0
1h
0.031
3.32
0.059
2h
0.057
3.32
0.11
3h
0.084
3.32
0.162
4h
0.116
3.32
0.226
5h
0.156
3.32
0.316
6h
0.205
3.32
0.43
7h
0.266
3.32
0.576
8h
0.340
3.32
0.768
9h
0.430
3.32
1.05
Ah
0.540
3.32
1.43
Bh
0.675
3.32
2
Ch
0.844
3.32
2.94
Dh
1.048
3.32
4.64
Eh
1.301
3.32
8.66
Fh
1.500
3.32
16.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com