Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 69 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 69 Page - Monolithic Power Systems

Back Button MP5990 Datasheet HTML 64Page - Monolithic Power Systems MP5990 Datasheet HTML 65Page - Monolithic Power Systems MP5990 Datasheet HTML 66Page - Monolithic Power Systems MP5990 Datasheet HTML 67Page - Monolithic Power Systems MP5990 Datasheet HTML 68Page - Monolithic Power Systems MP5990 Datasheet HTML 69Page - Monolithic Power Systems MP5990 Datasheet HTML 70Page - Monolithic Power Systems MP5990 Datasheet HTML 71Page - Monolithic Power Systems MP5990 Datasheet HTML 72Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
69
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout is critical for optimal IC
performance.
A
4-layer
layout
is
strongly
recommended to improve thermal performance.
For the best results, refer to Figure 25 and
follow the guidelines below:
1.
Place the MP5990 close to the board
’s
input
connector
to
minimize
trace
inductance.
2.
Place a small capacitor (CIN, about 100nF)
close
to
VIN
and
GND
to
minimize
transients, which may occur on the input
supply line. Note that transients of several
volts can occur when the load current is
shut off.
3.
Place a 1µF capacitor as close to VDD33
as possible.
4.
Keep the high-current path from the board
’s
input to the load, and the return path, close
to one other (and in parallel) to minimize
loop inductance.
5.
Place an analog signal ground (AGND)
plane locally in the MP5990 and connect it
to the PCB power ground planes at a single
point.
6.
Add vias to improve thermal performance.
7.
Place a minimum of 9 vias on the bottom
VIN pad.
8.
Place a minimum of 12 vias close to the
MP5990
’s VIN pads at the IC edge.
9.
Place a minimum of 9 vias close to the
MP5990’s VOUT pads.
1
2
3
4
5
6
7
8
9
10
11
12
13
34
33
32
31
30
29
28
27
26
25
24
23
22
43
44
45
VIN
VIN
VIN
VIN
VIN
VIN
VIN
VIN
VIN_SEN
ALT#
SCL
SDA
PG/OCW#
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
SCREF_OCWREF
EN
ADDR
VOSEN
OCREF
VIN
GND
VDD33
VIN
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
VOUT
VIN
VIN
VIN
VIN
VIN
VIN
VIN
VIN 9
10
11
12
13
14
15
16
VOUT COPPER
VIN COPPER
R3
Components on Top Layer
R3
Components on Bot Layer
VIN Via
VOUT Via
PGND
AGND
Signal Via
PGND Via
R3
R3
PGND
PGND
VIN
VOUT
R3
R3
R3
R3
R3
R3
R3
R3
R3
Figure 25: Recommended PCB Layout (Placement and Top Layer PCB)
VIN TVS Diode: SMDJ13A
VOUT Diode: MBRA340T3G for single MP5990, MBRS540T3G for parallel operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com