Electronic Components Datasheet Search
  English  ▼

X  

MP5990 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5990 Datasheet HTML 1Page - Monolithic Power Systems MP5990 Datasheet HTML 2Page - Monolithic Power Systems MP5990 Datasheet HTML 3Page - Monolithic Power Systems MP5990 Datasheet HTML 4Page - Monolithic Power Systems MP5990 Datasheet HTML 5Page - Monolithic Power Systems MP5990 Datasheet HTML 6Page - Monolithic Power Systems MP5990 Datasheet HTML 7Page - Monolithic Power Systems MP5990 Datasheet HTML 8Page - Monolithic Power Systems MP5990 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
MP5990
16V, 50A, 1m
Ω RDS(ON),
Fully Integrated Hot-Swap Solution
with PMBus Interface
MP5990 Rev. 1.1
MonolithicPower.com
1
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
DESCRIPTION
The MP5990 is a fully integrated, PMBus
compatible,
compact
hot-swap
protection
device. It contains a hot-swap controller and a
high-side power MOSFET (HS-FET), which
allow it to operate as a standalone device. The
MP5990 can also operate as a hot-swap
controller
in
parallel
with
the
multi-phase
MP5991. The device can achieve up to 50A of
continuous output current (IOUT) per device at
room temperature, and up to 60A of continuous
IOUT with airflow.
The device limits the backplane voltage drop by
limiting the inrush current to the load while a
circuit card is inserted into a live backplane
power source. The MP5990 limits the internal
MOSFET current (IFET) by controlling the gate
voltage (VGATE) via the current limit (ILIMIT)
reference input and soft-start ramp.
The MP5990 provides many features to simplify
system design, such as an integrated current
mirror to monitor IOUT and integrated on-die
temperature-sensing. This eliminates the need
for an external current-sense power resistor,
power MOSFET, and temperature-sense device.
The MP5990 provides rich fault protections,
such
as
input
voltage
(VIN)
over-voltage
protection (OVP), IOUT over-current protection
(OCP), short-circuit protection (SCP), and over-
temperature protection (OTP). The MP5990
detects power MOSFET gate, source, and drain
short conditions. The fault status can be
indicated with the fault report output (GOK).
The MP5990 also provides VIN under-voltage
warning (UVW), output over-current warning
(D_OC) and power good (PG) indication.
The PMBus interface provides VIN, input current
(IIN), input energy (EIN), output voltage (VOUT),
IOUT, input power (PIN), and output power (POUT)
telemetry. The MP5990 monitors and reports
fault statuses through the PMBus interface.
The
MP5990
is
available
in
an
LGA-45
(5mmx7mm) package.
FEATURES
• 4V to 16V Operating Input Voltage (V
IN)
Range
• Maximum 50A of Output Current (I
OUT)
• Supports 60A of I
OUT with Air Flow
• 1mΩ Integrated Power MOSFET
• PMBus/I2C 1.3 Compatible
• ±1% IMON Reporting Accuracy
• Built-In MOSFET Driver
• Integrated Current-Sense with Sense Output
• Configurable Over-Current Limit
• Configurable Short-Circuit Current Limit
• Built-In Insertion Delay
• Configurable Soft Start (SS)
• Built-In Fuse Health Reporting
• Fault Signal Output (GOK)
• Power Good Indication (PG)
• V
IN Under-Voltage Warning (UVW)
• Fault Type Indication (FLT_TYPE)
• Faults Auto-Record to the NVM
• V
IN OVP, SCP, OCP, and OTP with Options
for No Action, Latch, Retry, or Hiccup Mode
• Intelli-Fuse Junction Temperature Monitoring
• Intelli-Fuse Controller
• Built-in NVM to Store Custom Configurations
• High Precision E
IN, PIN, POUT, and IOUT
Reporting
• Configurable TON_DELAY and
TOFF_DELAY
• NVM Write Protection
• Available in an LGA-45 (5mmx7mm)
Package
APPLICATIONS
• Hot Swaps
• PC Cards
• Disk Drives
• Servers
• 5G Telecom
• Networking
• Laptops
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MP5990

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5990GMA MPS-MP5990GMA Datasheet
1Mb / 72P
16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
Rev. 1.1
More results

Similar Description - MP5990

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
logo
Maxim Integrated Produc...
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
MAX15096 MAXIM-MAX15096 Datasheet
678Kb / 15P
Integrated Hot-Swap/Electronic
Rev 0; 3/14
logo
Analog Devices
ADM1278 AD-ADM1278 Datasheet
874Kb / 61P
Hot Swap Controller and Digital Power and Energy Monitor with PMBus Interface
REV. A
logo
Monolithic Power System...
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
MP5022C MPS-MP5022C Datasheet
1Mb / 21P
12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
logo
Analog Devices
LT4200 AD-LT4200 Datasheet
803Kb / 18P
50A Hot Swap E-Fuse with Guaranteed SOA
logo
Monolithic Power System...
MP5048 MPS-MP5048 Datasheet
1Mb / 24P
60V, 15A, 7mΩ RDS(ON) Hot-Swap Intelli-Fuse Solution
Rev. 1.1 4/30/2021
MP5981 MPS-MP5981 Datasheet
1Mb / 27P
16V, 50A, 1.1mΩ RDS(ON),Hot-Swap Intelli-Fuse Solution
Rev. 1.3 5/16/2022
logo
MPS Industries, Inc.
MP5921 MPSIND-MP5921 Datasheet
1Mb / 26P
16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
Rev. 1.1 5/17/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com