Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 46 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 46 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 42Page - Dallas Semiconductor DS1864 Datasheet HTML 43Page - Dallas Semiconductor DS1864 Datasheet HTML 44Page - Dallas Semiconductor DS1864 Datasheet HTML 45Page - Dallas Semiconductor DS1864 Datasheet HTML 46Page - Dallas Semiconductor DS1864 Datasheet HTML 47Page - Dallas Semiconductor DS1864 Datasheet HTML 48Page - Dallas Semiconductor DS1864 Datasheet HTML 49Page - Dallas Semiconductor DS1864 Datasheet HTML 50Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
46
____________________________________________________________________
Table 03h, 80h to C7h: Temperature Lookup Table For DAC1
FACTORY DEFAULT:
00h
MEMORY TYPE:
Nonvolatile (EEPROM)
80h to C7h
EEPROM
bit7
bit0
This is the lookup table (LUT) for the DAC1 settings.
Table 04h (Table 01h in DS1859 Configuration), 80h: Mode
POWER-ON VALUE:
0Bh
MEMORY TYPE:
Volatile (SRAM)
80h
00
00
FT_enable
SEE
TEN
AEN
bit7
bit0
This byte controls the different modes of the DS1864. It controls the analog-to-digital updates, the shadowed EEPROM functionality
and the fast-trip comparators.
bit7:4
Value is 0.
bit3
FT_enable: Determines if the fast-trip comparators used to set fast-trip alarms are enabled or
disabled.
0 = Fast-trips are disabled.
1 = Fast-trips are enabled.
bit2
SEE: Determines if the Shadowed EEPROM acts like SRAM or EEPROM.
0 = Acts like EEPROM (Nonvolatile).
1 = Acts like SRAM (Volatile).
bit1
TEN: Determines if the temperature conversions are enabled or disabled.
0 = Temperature conversions disabled. DAC0 and DAC1 settings can be controlled manually by
writing to registers 82h and 83h in Table 04h (Table 01h in DS1859 configuration).
1 = Temperature conversions enabled. Lookup tables in automatic control mode. (default)
bit0
AEN: Determines if the address calculations from the LUT are enabled or disabled. This bit controls a
test mode setting that can allow manual control over the temperature index, Table 04h (Table 01h in
DS1859 configuration), Register 81h.
0 = Test mode. Manual control over Temperature Index enabled.
1 = Normal operation. Temperature index calculations automatically carried out.
Table 04h (Table 01h in DS1859 Configuration), 81h: Temperature Index Byte
FACTORY DEFAULT:
00h until first temperature conversion.
MEMORY TYPE:
Volatile (SRAM)
81h
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
bit7
bit0
This byte is the temperature calculated index used to select the address of DAC settings in the lookup tables.
Table 04h In Default DS1852 Configuration, (Table 01h in DS1859 Configuration)
Register Descriptions
Table 03h Register Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com