Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 44 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 44 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 40Page - Dallas Semiconductor DS1864 Datasheet HTML 41Page - Dallas Semiconductor DS1864 Datasheet HTML 42Page - Dallas Semiconductor DS1864 Datasheet HTML 43Page - Dallas Semiconductor DS1864 Datasheet HTML 44Page - Dallas Semiconductor DS1864 Datasheet HTML 45Page - Dallas Semiconductor DS1864 Datasheet HTML 46Page - Dallas Semiconductor DS1864 Datasheet HTML 47Page - Dallas Semiconductor DS1864 Datasheet HTML 48Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
44
____________________________________________________________________
Table 01h (Table 00h in DS1859 Configuration), FAh: Warning Masks
FACTORY DEFAULT:
00h
MEMORY TYPE:
Shadowed Memory (SEE)
FAh
TMPhi
TMPlo
VCChi
VCClo
MON1hi
MON1lo
MON2hi
MON2lo
bit7
bit0
These bytes configure a maskable interrupt, determining which warning flags assert the MINT bit (Lower Memory, byte 71h, bit 0). If
one of the interrupts is desired, its bit must be written to a 1 here. If no interrupt is desired, the bit should be written to a 0.
These bit locations do not match the register locations as called out in the SFF-8472, therefore another four byte set is also stored in
another location (Table 05h, registers F8h to FBh). The MASK configuration bit (Table 04h (Table 01h in DS1859 configuration),
register DAh, bit 0) determines which of these mask sets is used to generate the MINT interrupt.
bit7
TMPwrnhimask: Determines if an interrupt is generated for a High Temperature Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit6
TMPwrnlomask: Determines if an interrupt is generated for a Low Temperature Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit5
VCCwrnhimask: Determines if an interrupt is generated for a High VCC Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit4
VCCwrnlomask: Determines if an interrupt is generated for a Low VCC Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit3
MON1wrnhimask: Determines if an interrupt is generated for a High MON1 Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit2
MONwrnlomask: Determines if an interrupt is generated for a Low MON1 Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit1
MON2wrnhimask: Determines if an interrupt is generated for a High MON2 Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit0
MON2wrnlomask: Determines if an interrupt is generated for a Low MON2 Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com