Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 59 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 59 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 55Page - Dallas Semiconductor DS1864 Datasheet HTML 56Page - Dallas Semiconductor DS1864 Datasheet HTML 57Page - Dallas Semiconductor DS1864 Datasheet HTML 58Page - Dallas Semiconductor DS1864 Datasheet HTML 59Page - Dallas Semiconductor DS1864 Datasheet HTML 60Page - Dallas Semiconductor DS1864 Datasheet HTML 61Page - Dallas Semiconductor DS1864 Datasheet HTML 62Page - Dallas Semiconductor DS1864 Datasheet HTML 63Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
____________________________________________________________________
59
Table 04h (Table 01h in DS1859 Configuration), DAh: Control And Shutdown Configuration And Status
FACTORY DEFAULT:
00h
MEMORY TYPE:
Shadowed Memory (SEE)
DAh
FPOL
HTXP enableHBAL enableLTXP enable
X
X
X
MASK
bit7
bit0
This byte contains bits for shutdown configuration and status control.
bit7
FPOL: Configures the polarity of the auxiliary shutdown (FETG output).
0 = FETG is asserted low under a shutdown condition.
1 = FETG is asserted high under a shutdown condition.
bit6
HTXP enable: Configures a shutdown in response to a HTXP alarm.
0 = Shutdown will not respond to a trip of HTXP alarm.
1 = Shutdown will respond to a trip of HTXP alarm.
bit5
HBAL enable: Configures a shutdown in response to a HBAL alarm.
0 = Shutdown will not respond to a trip of HBAL alarm.
1 = Shutdown will respond to a trip of HBAL alarm.
bit4
LTXP enable: Configures a shutdown in response to a LTXP alarm.
0 = Shutdown will not respond to a trip of LTXP alarm.
1 = Shutdown will respond to a trip of LTXP alarm.
bit3:1
Not used.
bit0
MASK: Configures locations of alarms and warning interrupt masks to be either in Table 05h or in Table
01h (Table 00h in DS1859 configuration).
0 = Interrupt masks are located in Table 05h, bytes F8h through FBh.
1 = Interrupt masks are located in Table 01h (Table 00h in DS1859 configuration), bytes F8h through FBh.
Table 04h (Table 01h in DS1859 Configuration), DBh: High Transmitted Power Threshold (HTXP)
FACTORY DEFAULT:
FFh
MEMORY TYPE:
Shadowed Memory (SEE)
DBh
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
bit7
bit0
This byte sets a high D/A threshold for comparing transmitted power level. Only the upper 8 bits of the 16 bit value are compared.
Table 04h (Table 01h in DS1859 Configuration), DCh: Low Transmitted Power Threshold (LTXP)
FACTORY DEFAULT:
00h
MEMORY TYPE:
Shadowed Memory (SEE)
DCh
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
bit7
bit0
This byte sets a low D/A threshold for comparing transmitted power level. Only the upper 8 bits of the 16 bit value are compared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com