Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 25 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 25 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 21Page - Dallas Semiconductor DS1864 Datasheet HTML 22Page - Dallas Semiconductor DS1864 Datasheet HTML 23Page - Dallas Semiconductor DS1864 Datasheet HTML 24Page - Dallas Semiconductor DS1864 Datasheet HTML 25Page - Dallas Semiconductor DS1864 Datasheet HTML 26Page - Dallas Semiconductor DS1864 Datasheet HTML 27Page - Dallas Semiconductor DS1864 Datasheet HTML 28Page - Dallas Semiconductor DS1864 Datasheet HTML 29Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
____________________________________________________________________
25
TABLE SELECT BYTE
PASSWORD ENTRY (PWE)
(4 BYTES)
7Fh
I2C ADDRESS A2h (DEFAULT)
I2C ADDRESS A0h
00h
FFh
F7h
FFh
80h
F8h
00h
LOWER MEMORY
EEPROM
(120 BYTES)
C7h
80h
DAC0
LOOKUP TABLE
(72 BYTES)
DAC1
LOOKUP TABLE
(72 BYTES)
C7h
80h
FBh
C0h
CONTROL
AND CONFIGURATION
TABLE 00h
TABLE 02h
TABLE 03h
TABLE 05h
DFh
80h
TABLE 01h
NON LOOKUP
TABLE CONTROL
AND CONFIGURATION
REGISTERS
GBIC EEPROM
(256 BYTES)
EEPROM
(8 BYTES)
NOTE 1:
WHEN MODE BIT (TABLE 04h BYTE 89h BIT 3) = 1,
THE DS1864 IS IN DS1859-COMPATIBLE CONFIGURATION.
NOTE 2:
IF ADFIX = 0, THEN THE MAIN DEVICE I2C SLAVE ADDRESS IS A2h.
F ADFIX = 1, THEN THE MAIN DEVICE I2C SLAVE ADDRESS IS
DETERMINED BY THE VALUE IN 8Ch TABLE 01h (IN DS1859 CONFIGURATION).
NOTE 3:
TABLE 04h DOES NOT EXIST IN DS1859 CONFIGURATION.
Figure 17. DS1859-Compatible Configuration (Mode Bit = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com