Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1864 Datasheet HTML 1Page - Dallas Semiconductor DS1864 Datasheet HTML 2Page - Dallas Semiconductor DS1864 Datasheet HTML 3Page - Dallas Semiconductor DS1864 Datasheet HTML 4Page - Dallas Semiconductor DS1864 Datasheet HTML 5Page - Dallas Semiconductor DS1864 Datasheet HTML 6Page - Dallas Semiconductor DS1864 Datasheet HTML 7Page - Dallas Semiconductor DS1864 Datasheet HTML 8Page - Dallas Semiconductor DS1864 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
4
_____________________________________________________________________
DIGITAL THERMOMETER CHARACTERISTICS
(VCC = 2.97V to 5.5V, TA = -40°C to +95°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Thermometer Error
TERR
-40°C to +95°C
(Notes 10, 17)
-3
+3
°C
Dual range disabled
57
70
Update Rate
tframe
Dual range enabled
67
80
ms
AC ELECTRICAL CHARACTERISTICS
(VCC = 2.97V to 5.5V, TA = -40°C to +95°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SHUTDOWN AND FAULTS (SEE FAULT AND SHUTDOWN TIMING DIAGRAMS FIGURES 1 TO 10), FOR FAST ALARMS AND
SFP MANAGEMENT
TX-D (to DACs Off-State
Currents)
tOFF
Figure 4
From
TX-D
(Notes 11, 17)
5µs
Recovery from Normal Disable
(to DACs Set Values)
tON
Figure 4
From
TX-D
(Notes 12, 17)
0.8
ms
Recovery After Power-Up (to
DACs Set Values)
tINIT_DACs
Figure 9
From
VCC = 2.97V
(Notes 11, 17)
100
ms
Shutdown Response Time (to
DACs Off-State Current)
tFAULT
Figure 5
IBMD > TripHi
or IBIAS > Trip
IBMD < TripLo
(Notes 11, 17)
50
µs
Recovery from Safety Fault
Shutdown (to DACs Set Values)
tINITSF
Figures 6
and 10
From
TX-D
(Notes 11, 17)
50
ms
Fault Reset Time (to TX-F = 0)
tINITR1
Figure 2
From
TX-D
100
200
ms
Fault Reset Time (to TX-F = 0)
tINITR2
Figures 1,
2, 3, and 6
From
VCC = 2.97V
100
200
ms
Fault Assert Time (to TX-F = 1)
tFAULT
Figure 5
IBMD > TripHi
or IBIAS > Trip
IBMD < TripLo
(Note 11)
50
µs
LOS Assert Time
tLOSS_ON
Figure 8
RSSI < Trip
(Note 12)
50
µs
LOS Deassert Time
tLOSS_OFF
Figure 8
RSSI > Trip
(Note 12)
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com