Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 47 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 47 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 43Page - Dallas Semiconductor DS1864 Datasheet HTML 44Page - Dallas Semiconductor DS1864 Datasheet HTML 45Page - Dallas Semiconductor DS1864 Datasheet HTML 46Page - Dallas Semiconductor DS1864 Datasheet HTML 47Page - Dallas Semiconductor DS1864 Datasheet HTML 48Page - Dallas Semiconductor DS1864 Datasheet HTML 49Page - Dallas Semiconductor DS1864 Datasheet HTML 50Page - Dallas Semiconductor DS1864 Datasheet HTML 51Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
____________________________________________________________________
47
Table 04h (Table 01h in DS1859 Configuration), 82h: DAC0 Value
FACTORY DEFAULT:
DAC0 value is high-impedance (Hi-Z) until programmed value is recalled from
MEMORY TYPE:
Volatile (SRAM)
82h
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
bit7
bit0
DAC values from 00h to FFh for DAC0 are stored here. Under normal operation, the LUTs automatically select the DAC setting
according to the values programmed into the corresponding LUT. This byte is updated automatically based on the current
temperature and is corresponding setting in the LUT.
Table 04h (Table 01h in DS1859 Configuration), 83h: DAC1 Value
FACTORY DEFAULT:
DAC1 value is high-impedance (Hi-Z) until programmed value is recalled from
MEMORY TYPE:
Volatile (SRAM)
83h
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
bit7
bit0
DAC values from 00h to FFh for DAC1 are stored here. Under normal operation, the LUTs automatically select the DAC setting
according to the values programmed into the corresponding LUT. This byte is updated automatically based on the current
temperature and is corresponding setting in the LUT.
Table 04h (Table 01h in DS1859 Configuration), 84h to 87h: Reserved Memory
84h to 87h
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com