Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 55 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 55 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 51Page - Dallas Semiconductor DS1864 Datasheet HTML 52Page - Dallas Semiconductor DS1864 Datasheet HTML 53Page - Dallas Semiconductor DS1864 Datasheet HTML 54Page - Dallas Semiconductor DS1864 Datasheet HTML 55Page - Dallas Semiconductor DS1864 Datasheet HTML 56Page - Dallas Semiconductor DS1864 Datasheet HTML 57Page - Dallas Semiconductor DS1864 Datasheet HTML 58Page - Dallas Semiconductor DS1864 Datasheet HTML 59Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
____________________________________________________________________
55
Table 04h (Table 01h in DS1859 Configuration), B8h to BFh: Thresholds For High-Bias Warning Flags (HBWA)
FACTORY DEFAULT:
FFh
MEMORY TYPE:
Shadowed Memory (SEE)
B8h
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
B9h
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
BAh
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
BBh
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
BCh
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
BDh
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
BEh
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
BFh
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
bit7
bit0
These represent the high thresholds for comparing bias levels. Each warning byte contains the value for the threshold
corresponding to the temperature range indicated below. Only the upper 8 bits of the 16 bit measurement are compared here.
B8h
Warning byte location when temperature is less than -8°C.
B9h
Warning byte location when temperature in the range of -8°C to +8°C.
BAh
Warning byte location when temperature in the range of +8°C to +24°C.
BBh
Warning byte location when temperature in the range of +24°C to +40°C.
BCh
Warning byte location when temperature in the range of +40°C to +56°C.
BDh
Warning byte location when temperature in the range of +56°C to +72°C.
BEh
Warning byte location when temperature in the range of +72°C to +88°C.
BFh
Warning byte location when temperature is greater than +88°C.
Table 04h (Table 01h in DS1859 Configuration), C0h: Reserved Memory
C0h
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com