Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 66 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 66 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 62Page - Dallas Semiconductor DS1864 Datasheet HTML 63Page - Dallas Semiconductor DS1864 Datasheet HTML 64Page - Dallas Semiconductor DS1864 Datasheet HTML 65Page - Dallas Semiconductor DS1864 Datasheet HTML 66Page - Dallas Semiconductor DS1864 Datasheet HTML 67Page - Dallas Semiconductor DS1864 Datasheet HTML 68Page - Dallas Semiconductor DS1864 Datasheet HTML 69Page - Dallas Semiconductor DS1864 Datasheet HTML 70Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
66
____________________________________________________________________
Table 05h, FAh: Warning Masks
FACTORY DEFAULT:
00h
MEMORY TYPE:
Shadowed Memory (SEE)
FAh
TMPhi
TMPlo
VCChi
VCClo
MON1hi
MON1lo
MON2hi
MON2lo
bit7
bit0
These bytes configure a maskable interrupt, determining which warning flags assert the MINT bit (Lower Memory, byte 71h, bit 0). If
one of the interrupts is desired, its bit must be written to a 1 here. If no interrupt is desired, the bit should be written to a 0.
The MASK configuration bit (Table 04h (Table 01h in DS1859 configuration), register DAh, bit 0) determines which mask sets are
used to generate the MINT interrupt.
bit7
TMPwrnhimask: Determines if an interrupt is generated for a High-Temperature Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit6
TMPwrnlomask: Determines if an interrupt is generated for a Low-Temperature Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit5
VCCwrnhimask: Determines if an interrupt is generated for a High VCC Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit4
VCCwrnlomask: Determines if an interrupt is generated for a Low VCC Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit3
MON1wrnhimask: Determines if an interrupt is generated for a High MON1 Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit2
MONwrnlomask: Determines if an interrupt is generated for a Low MON1 Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit1
MON2wrnhimask: Determines if an interrupt is generated for a High MON2 Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.
bit0
MON2wrnlomask: Determines if an interrupt is generated for a Low MON2 Warning Flag.
0 = No interrupt is generated.
1 = An interrupt is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com