Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 2Page - Dallas Semiconductor DS1864 Datasheet HTML 3Page - Dallas Semiconductor DS1864 Datasheet HTML 4Page - Dallas Semiconductor DS1864 Datasheet HTML 5Page - Dallas Semiconductor DS1864 Datasheet HTML 6Page - Dallas Semiconductor DS1864 Datasheet HTML 7Page - Dallas Semiconductor DS1864 Datasheet HTML 8Page - Dallas Semiconductor DS1864 Datasheet HTML 9Page - Dallas Semiconductor DS1864 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
6
_____________________________________________________________________
NONVOLATILE MEMORY CHARACTERISTICS
(VCC = 2.97V to 5.5V, TA = -40°C to +95°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Writes
+70°C (Note 17)
50,000
Writes
Note 1:
All voltages are referenced to ground. Currents into the IC are positive, and currents out of the IC are negative.
Note 2:
Supply current is measured with all logic inputs at their inactive state (SDA = SCL = VCC) and driven to well-defined logic
levels. All outputs are disconnected.
Note 3:
DAC0/DAC1 positions programmed to FFh and with outputs floating.
Note 4:
Full-scale is user programmable. The maximum voltage that the MON inputs read is approximately full-scale, even if the
voltage on the inputs is greater than full-scale.
Note 5:
This voltage defines the maximum range of the analog-to-digital (ADC) converter voltage, not the maximum VCC voltage.
Note 6:
Accuracy specification includes supply and temperature variations. Measured at 1.2V.
Note 7:
%FS refers to calibrated full scale in the case of internal calibration, and uncalibrated full scale in the case of external cali-
bration. Uncalibrated full scale is set at the factory and is specified in this data sheet as VCC FS (Factory), MON1 FS
(Factory), MON2 FS (Factory), and MON3 FS (Factory). Calibrated full scale is set by the user, allowing him to change any
of these scales for his instrumentation.
Note 8:
When used single-ended, MON1N must be connected to GND.
Note 9:
0.5%FS with 0.5dB (~11%) accuracy results in 16.4dB range. Assuming some overlap of the ranges, this scheme should
cover the required 26dB range.
Note 10: See Figure 14 for thermometer error.
Note 11: When the DACs are re-enabled, they ramp up to their final values. The ramp up starts from 0 and should not exceed its
final value at any point during its initial transient.
Note 12: This spec is the time it takes, from RSSI voltage below the RSSI voltage trip threshold, to LOS asserted high.
Note 13: Measured from the falling clock edge after the stop bit of the write transaction.
Note 14: I2C interface timing shown for is for fast-mode (400kHz) operation. This device is also backward-compatible with I2C stan-
dard-mode timing.
Note 15: CB
⎯total capacitance of one bus line in picofarads.
Note 16: EEPROM write begins after a stop condition occurs.
Note 17: This parameter is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com