Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 37 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 37 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 33Page - Dallas Semiconductor DS1864 Datasheet HTML 34Page - Dallas Semiconductor DS1864 Datasheet HTML 35Page - Dallas Semiconductor DS1864 Datasheet HTML 36Page - Dallas Semiconductor DS1864 Datasheet HTML 37Page - Dallas Semiconductor DS1864 Datasheet HTML 38Page - Dallas Semiconductor DS1864 Datasheet HTML 39Page - Dallas Semiconductor DS1864 Datasheet HTML 40Page - Dallas Semiconductor DS1864 Datasheet HTML 41Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
____________________________________________________________________
37
Lower Memory Register 73h: Fast-Trip Flags
POWER-ON VALUE:
00h
MEMORY TYPE:
Volatile (SRAM)
73h
00
0
HBWA flag
HBAL flag
LOS flag
LTXP flag
HTXP flag
bit7
bit0
These are the results from the fast-trip comparators. If these flags are latched, they can be cleared by writing the flags to 0.
bit7:5
These bits are set to 0.
bit4
HBWA flag: Fast-trip flag indicating the High Bias Warning Limit has been exceeded.
0 = Bias measurement is below set limit.
1 = Bias measurement is above set limit.
bit3
HBAL flag: Fast-trip flag indicating the High Bias Alarm Limit has been exceeded.
0 = Bias measurement is below set limit.
1 = Bias measurement is above set limit.
bit2
LOS flag: Fast-trip flag indicating the Loss of Signal Limit has been exceeded.
0 = LOS measurement is above set limit.
1 = LOS measurement is below set limit.
bit1
LTXP flag: Fast-trip flag indicating the Low Transmit Power Limit has been exceeded.
0 = RSSI measurement is above set limit.
1 = RSSI measurement is below set limit.
bit0
HTXP flag: Fast-trip flag indicating the High Transmit Power Limit has been exceeded.
0 = RSSI measurement is below set limit.
1 = RSSI measurement is above set limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com