Electronic Components Datasheet Search
  English  ▼

X  

DS1864 Datasheet(PDF) 19 Page - Dallas Semiconductor

Part # DS1864
Description  SFP Laser Controller and Diagnostic IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1864 Datasheet(HTML) 19 Page - Dallas Semiconductor

Back Button DS1864 Datasheet HTML 15Page - Dallas Semiconductor DS1864 Datasheet HTML 16Page - Dallas Semiconductor DS1864 Datasheet HTML 17Page - Dallas Semiconductor DS1864 Datasheet HTML 18Page - Dallas Semiconductor DS1864 Datasheet HTML 19Page - Dallas Semiconductor DS1864 Datasheet HTML 20Page - Dallas Semiconductor DS1864 Datasheet HTML 21Page - Dallas Semiconductor DS1864 Datasheet HTML 22Page - Dallas Semiconductor DS1864 Datasheet HTML 23Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
SFP Laser Controller and
Diagnostic IC
____________________________________________________________________
19
To calculate the voltage measured from the register
value, first calculate the LSB weight of the 16-bit register.
The LSB weight is equal to the full-scale voltage span
divided 65528. Next, convert the hexadecimal register
value to decimal and multiply it times the LSB weight.
Example: Using the factory default VCC trim, what volt-
age is measured if the VCC register value is C340h?
The LSB for VCC is equal to (6.5528V - 0V) / 65528 =
100.00µV. C340h is equal to 49984 decimal, which
yields a supply voltage equal to 49984 x 100.00µV =
4.9984V. Table 5 shows more conversion examples
based on the factory trimmed A/D settings.
The factory-programmed LSB for VCC is 100µV. The
factory-programmed LSB weight for the MON channels
is 38.147µV.
Voltage Monitor Calibration
(Gain, Offset, and Right Shifting)
The DS1864 has the ability to scale each analog volt-
age’s gain and offset to produce the desired digital
result. Each of the inputs (VCC, MON1, MON2, MON3)
has specific registers for the gain, offset, and right shift-
ing (in memory Table 04h (Table 01h in DS1859 config-
uration)) allowing them to be individually calibrated.
To scale the gain and offset of the converter for a spe-
cific input, one must first know the relationship between
the analog input and the expected digital result. The
input that would produce a digital result of all zeros is
the null value (normally this input is GND). The input
that would produce a digital result of all ones (FFF8h) is
the full-scale (FS) value. The expected FS value is also
found by multiplying FFF8h by the LSB weight.
The right-shifting operation on the A/D converter output
is carried out based on the contents of Registers Right
Shift1 and Right Shift2 in EEPROM. Each of the three
analog channels (MON1 (Bias Current (IBI)), MON2
(Transmitted Power (TXP)), and MON3 (Received Power
(RIN)) is allocated 3 bits to set the number of right shifts.
Up to 7 right-shift operations are allowed and will be
executed as a part of every conversion before the result
is loaded in the corresponding measurement registers
62h to 69h. This is true during the setup of internal cali-
bration as well as during subsequent data conversions.
Example: Since the FS digital reading is 65528 (FFF8h)
LSBs, if the LSB’s weight is 50µV, then the FS value is
65528 x 50µV = 3.2764V.
A binary search is used to calibrate the gain of the con-
verter. This requires forcing two known voltages on the
input pin. It is preferred that one of the forced voltages is
the null input and the other is 90% of FS. Since the LSB
of the least significant bit in the digital reading register is
known, the expected digital results can be calculated
for both the null input and the 90% of full-scale value.
An explanation of the binary search used to scale the gain
is best served with the following example pseudo-code:
/* Assume that the null input is 0.5V */
/* Assume that the requirement for the LSB is 50
µV */
FS = 65528 * 50e-6;
/*3.2764V */
CNT1 = 0.5 / 50e-6;
/* 1000 */
CNT2 = 0.9 X FS / 50e-6;
/* 58968 */
/* So the null input is 0.5V and 90% of FS is 2.94876V */
Set the input's offset register to zero
gain_result = 0h;
/* Working register for gain calculation */
CLAMP = FFF0h;
/* This is the max A/D value*/
For n = 15 down to 0
begin
gain_result = gain_result + 2^n;
Write gain_result to the input's gain register;
Force the 90% FS input (2.94876V);
Meas2
= A/D result from DS1864;
If Meas2 >= CLAMP
Then
gain_result = gain_result - 2^n;
Else
Force the null input (0.5V)
Meas1 = A/D result from DS1864
If [(Meas2-Meas1)>(CNT2-CNT1)]
Then
gain_result = gain_result - 2^n;
end;
Write gain_result to the input's gain register;
Table 4. Voltage Monitor Factory Default
Calibration
SIGNAL
+FS
(V)
+FS
(hex)
-FS
(V)
-FS
(hex)
VCC
6.5528V
FFF8
0V
0000
MON1
2.4997V
FFF8
0V
0000
MON2
2.4997V
FFF8
0V
0000
MON3
2.4997V
FFF8
0V
0000
Table 5. Voltage Monitor Conversion
Examples
SIGNAL
LSB
WEIGHT µV)
REGISTER
VALUE (HEX)
INPUT
VOLTAGE
(V)
VCC
100.00
8080
3.2896
VCC
100.00
C0F0
4.9392
MON1
38.147
AA00
1.6601
MON2
38.147
1880
0.2392
MON3
38.147
9CF0
1.5326



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com